Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE431S Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE431S
Description  Adjustable Precision Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE431S Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE431S Datasheet HTML 2Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 3Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 4Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 5Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 6Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 7Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 8Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 9Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
 
                                                                                                                  
ACE431S
                        Technology
Adjustable Precision Shunt Regulator
VER 1.2
6
Reference Voltage vs. Junction Temperature
Stability Boundry Conditions
Junction Temperature (℃)
Load Capacitance /pf
Thermal Consideration
Package
Power Rating (TA=25℃) Power Rating (TA=50℃) Power Rating (TA=70℃)
SOT-23-3
(θJA=230℃/W)
435mW
326mW
239mW
SOT-23-5
(θJA=230℃/W)
435mW
326mW
239mW
TO-92
(θJA=220℃/W)
455mW
341mW
250mW
1.
Maximum junction temperature is 125℃
2.
θJA is measured with packages mounted onboard under still-air condition with 1W power applied.
3.
Power rating is calculated using PD=(TJ-TA)/ θJA, where TJ denotes junction temperature and TA denotes ambient
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com