Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE431S Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE431S
Description  Adjustable Precision Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE431S Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE431S Datasheet HTML 1Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 2Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 3Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 4Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 5Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 6Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 7Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 8Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 
                                                                                                                  
ACE431S
                        Technology
Adjustable Precision Shunt Regulator
VER 1.2
1 
Description
The ACE431S is a low voltage three terminal adjustable shunt regulator with a guaranteed thermal
stability over applicable temperature ranges. The output voltage can be set to any value between VREF
(approximately 2.5 V) to 18V with two external resistors. This device has a typical output impedance of
0.08Ω. Active output circuitry provides a very sharp turn on characteristic, making this device excellent
replacement for Zener diodes in many applications.
The ACE431S is characterized for operation from -40oC to 85oC, and five package options (SOT-23-3,
SOT-23-5, SOP-8, TO-92 and SOT-89-3) allow the designer the opportunity to select the proper package
for their applications.
Features
● Low voltage operation (2.5V)
● Adjustable output voltage V0=VREF to 18V
● Wide operating current range 150μA to 80mA
● Low dynamic output impedance 0.08Ω (Typ)
● Trimmed bandgap design up to +0.5%
● ESD rating is 6KV (Per MIL-STD-883D)
● ROHS Compliant and 100% Lead (Pb)-Free
Application
● Linear Regulators
● Adjustable Supplies
● Switching Power Supplies
● Battery Operated Computers
● Instrumentation
● Computer Disk Drives
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Cathode Voltage
VKA
18
V
Continuous Cathode Current
IKA
80
mA
Reference Current
IREF
1
mA
Operating Junction Temperature Range
TJ
-40 to 85
OC
Storage Temperature Range
TSTG
-65 to 150
OC
SOT-89-3 120
SOT-23-3 230
SOT-23-5 230
SOP-8 150
Thermal Resistance
θJA
TO-92 220
OC/W


Similar Part No. - ACE431S

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
736Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.4
ACE431SAAM+H ACE-ACE431SAAM+H Datasheet
736Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.4
ACE431SABM+H ACE-ACE431SABM+H Datasheet
736Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.4
ACE431SABMA+H ACE-ACE431SABMA+H Datasheet
736Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.4
ACE431SABN+H ACE-ACE431SABN+H Datasheet
736Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.4
More results

Similar Description - ACE431S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com