Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS70
Description  General-purpose Schottky diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS70 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS70 Datasheet HTML 1Page - NXP Semiconductors BAS70 Datasheet HTML 2Page - NXP Semiconductors BAS70 Datasheet HTML 3Page - NXP Semiconductors BAS70 Datasheet HTML 4Page - NXP Semiconductors BAS70 Datasheet HTML 5Page - NXP Semiconductors BAS70 Datasheet HTML 6Page - NXP Semiconductors BAS70 Datasheet HTML 7Page - NXP Semiconductors BAS70 Datasheet HTML 8Page - NXP Semiconductors BAS70 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
BAS70_1PS7XSB70_SER_9
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 09 — 13 January 2010
2 of 20
NXP Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
2.
Pinning information
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
-
-
70
mA
VF
forward voltage
IF =1mA
[1] --
410
mV
VR
reverse voltage
-
-
70
V
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
BAS70H; 1PS76SB70; 1PS79SB70
1
cathode
[1]
2
anode
BAS70L
1
cathode
[1]
2
anode
BAS70; BAS70W
1
anode
2
not connected
3
cathode
BAS70-04; BAS70-04W
1
anode (diode 1)
2
cathode (diode 2)
3
cathode (diode 1),
anode (diode 2)
001aab540
12
sym001
12
2
1
Transparent
top view
sym001
12
006aaa144
12
3
006aaa436
1
3
2
n.c.
006aaa144
12
3
006aaa437
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com