Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BAS70
Description  General-purpose Schottky diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS70 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BAS70 Datasheet HTML 6Page - NXP Semiconductors BAS70 Datasheet HTML 7Page - NXP Semiconductors BAS70 Datasheet HTML 8Page - NXP Semiconductors BAS70 Datasheet HTML 9Page - NXP Semiconductors BAS70 Datasheet HTML 10Page - NXP Semiconductors BAS70 Datasheet HTML 11Page - NXP Semiconductors BAS70 Datasheet HTML 12Page - NXP Semiconductors BAS70 Datasheet HTML 13Page - NXP Semiconductors BAS70 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
BAS70_1PS7XSB70_SER_9
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 09 — 13 January 2010
10 of 20
NXP Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
[2]
T1: normal taping
[3]
T2: reverse taping
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number Package
Description
Packing quantity
3000 4000 8000 10000
1PS76SB70
SOD323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS79SB70
SOD523
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS70
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS70H
SOD123F
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS70L
SOD882
2 mm pitch, 8 mm tape and reel
-
-
-
-315
BAS70W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS70-04
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS70-04W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS70-05
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS70-05W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS70-06
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS70-06W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS70-07
SOT143B
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS70-07S
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2 [3] -125
-
-
-165
BAS70-07V
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
BAS70VV
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
BAS70XY
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2 [3] -125
-
-
-165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com