Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401RT-E/OT Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6401RT-E/OT
Description  1 MHz, 45 A Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/OT Datasheet(HTML) 3 Page - Microchip Technology

  MCP6401RT-E/OT Datasheet HTML 1Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 2Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 3Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 4Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 5Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 6Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 7Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 8Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22229A-page 3
MCP6401/1R/1U
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD – VSS ........................................................................7.0V
Current at Input Pins .....................................................±2 mA
Analog Inputs (VIN+, VIN-)†† .......... VSS – 1.0V to VDD + 1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD + 0.3V
Difference Input Voltage ...................................... |VDD – VSS|
Output Short-Circuit Current .................................continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature ....................................-65°C to +150°C
Maximum Junction Temperature (TJ).......................... +150°C
ESD protection on all pins (HBM; MM)
................ ≥ 4 kV; 400V
† Notice: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at those or any other conditions above those indicated
in the operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
†† See Section 4.1.2 “Input Voltage And Current Limits”
1.2
Specifications
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, V
DD = +1.8V to +6.0V, VSS= GND, TA= +25°C, VCM = VDD/2,
VOUT »VDD/2, VL = VDD/2 and RL = 100 kΩ to VL. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-4.5
—
+4.5
mV
VCM = VSS
Input Offset Drift with Temperature
ΔV
OS/ΔTA
—±2.0
—
µV/°C
TA= -40°C to +125°C,
VCM = VSS
Power Supply Rejection Ratio
PSRR
63
78
—
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current
IB
—
±1.0
100
pA
—30
—
pA
TA = +85°C
—
800
—
pA
TA = +125°C
Input Offset Current
IOS
—
±1.0
—
pA
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
—
Ω||pF
Common Mode
Common Mode Input Voltage Range
VCMR
VSS-0.2
—
VDD+0.2
V
VDD = 1.8V, Note 1
VSS-0.3
—
VDD+0.3
V
VDD = 6.0V, Note 1
Common Mode Rejection Ratio
CMRR
56
71
—
dB
VCM = -0.2V to 2.0V,
VDD = 1.8V
63
78
—
dB
VCM = -0.3V to 6.3V,
VDD = 6.0V
Open-Loop Gain
DC Open-Loop Gain
(Large Signal)
AOL
90
110
—
dB
VOUT = 0.3V to VDD-0.3V
VCM = VSS
Output
Maximum Output Voltage Swing
VOL, VOH
VSS+20
—
VDD–20
mV
VDD = 6.0V, RL = 10 kΩ
0.5V input overdrive
Output Short-Circuit Current
ISC
—±5
—
mA
VDD = 1.8V
—±15
—
mA
VDD = 6.0V
Power Supply
Supply Voltage
VDD
1.8
—
6.0
V
Quiescent Current per Amplifier
IQ
20
45
70
µA
IO = 0, VDD = 5.0V
VCM = 0.2VDD
Note 1:
Figure 2-11 shows how VCMR changes across temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com