Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401RT-E/OT Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6401RT-E/OT
Description  1 MHz, 45 A Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/OT Datasheet(HTML) 1 Page - Microchip Technology

  MCP6401RT-E/OT Datasheet HTML 1Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 2Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 3Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 4Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 5Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 6Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 7Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 8Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22229A-page 1
MCP6401/1R/1U
Features
• Low Quiescent Current: 45 µA (typical)
• Gain Bandwidth Product: 1 MHz (typical)
• Rail-to-Rail Input and Output
• Supply Voltage Range: 1.8V to 6.0V
• Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
• No Phase Reversal
Applications
• Portable Equipment
• Battery Powered System
• Medical Instrumentation
• Data Acquisition Equipment
• Sensor Conditioning
• Supply Current Sensing
• Analog Active Filters
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Circuit Designer & Simulator
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description
The Microchip Technology Inc. MCP6401/1R/1U family
of operational amplifiers (op amps) has low quiescent
current (45 µA, typical) and rail-to-rail input and output
operation. This family is unity gain stable and has a
gain bandwidth product of 1 MHz (typical). These
devices operate with a single supply voltage as low as
1.8V. These features make the family of op amps well
suited for single-supply, battery-powered applications.
The
MCP6401/1R/1U
family
is
designed
with
Microchip’s advanced CMOS process and offered in
single packages. All devices are available in the
extended temperature range, with a power supply
range of 1.8V to 6.0V.
Package Types
VOUT
R2
D1
D2
R1
VIN
Precision Half-Wave Rectifier
MCP6401
5
4
1
2
3
VSS
VIN–
VIN+
VDD
VOUT
SOT-23-5,
5
4
1
2
3
VDD
VIN–
VIN+
VSS
VOUT
SC70-5, SOT-23-5,
5
4
1
2
3
VDD
VOUT
VIN–
VSS
VIN+
SOT-23-5,
MCP6401
MCP6401R
MCP6401U
1 MHz, 45 µA Op Amps


Similar Part No. - MCP6401RT-E/OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6401RT-E/OT MICROCHIP-MCP6401RT-E/OT Datasheet
1Mb / 38P
1 MHz, 45 關A Op Amps
2010
More results

Similar Description - MCP6401RT-E/OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L71 MICROCHIP-MCP6L71 Datasheet
476Kb / 32P
2 MHz, 150 關A Op Amps
2009
MCP6L1 MICROCHIP-MCP6L1 Datasheet
483Kb / 32P
2.8 MHz, 200 關A Op Amps
2009
MCP6L01 MICROCHIP-MCP6L01 Datasheet
527Kb / 32P
1 MHz, 85 關A Op Amps
2009
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6401 MICROCHIP-MCP6401_10 Datasheet
1Mb / 38P
1 MHz, 45 關A Op Amps
2010
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
2.7 MHz, 12V Op Amps
11/29/12
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
5.5 MHz, 12V Op Amps
2012 11/29/12
logo
STMicroelectronics
TSV522IST STMICROELECTRONICS-TSV522IST Datasheet
749Kb / 27P
High merit factor (1.15 MHz for 45 μA) CMOS op amps
19-Jun-2012
logo
Microchip Technology
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com