Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE624 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE624
Description  Serial data control dual electronic volume
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE624 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE624 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE624
Technology
Serial data control dual electronic volume
VER 1.2
3
Clock
Data
D0
D1
D2
D3
Reads data singal at the rising edge of clock singa
D8
D9
D10
Reads data singal at the falling edge of clock singa
Latch singal "H"
Electrical Characteristics
(Vcc=5V, TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test conditions
MIN。
TYP。
MAX。
UNIT
ICC
Circuit current
4
8
mA
ATT
Maximum attenuation
ATT= -∞
-90
-80
dB
ATT
Attenuation error
ATT=0
-2.0
0
2.0
dB
Vim
Maximum input voltage
THD=1%,ATT= -6dB
1.5
1.7
Vrms
Vom
Maximum output voltage
THD=1%
0.8
1.3
Vrms
Vno1
ATT=0,Rg=0,JIS-A
4
10
µVrms
Vno2
Output noise voltage
ATT=-∞,Rg=0,JIS-A
5
µVrms
THD
Total harmonic distortion f=1kHZ,Vo=0.5Vrms,ATT=0
0.01
0.05
%
CS
Channel separation
f=1kHZ,JIS-A
-80
-70
dB
Relationship Between Data and Clock
DC Characteristics of digital block
Limits
Symbol
Parameter
Test conditions
MIN.
TYP.
MAX.
UNIT
Vil
"L" level input voltage
0
0.2Vcc
V
Vih
"H" level input voltage
Data, clock pin
0.8Vcc
Vcc
V
Iil
"L" level input current
Vi=0
-10
10
uA
Iih
"H" level input current
Vi=5V
10
uA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com