Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE624 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE624
Description  Serial data control dual electronic volume
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE624 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE624 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE624 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE624
Technology
Serial data control dual electronic volume
VER 1.2
1
Description
The ACE624 is a dual channel electronic volume controlled with 2-wire serial data. The built-in reference
circuit can compose of an electronic volume with less external parts.
Features
Built-in reference circuit
Control with serial data Volume 0 to -83dB (1dB/step), -∞ (Independent control is allowed in each
channel)
Low noise and low distortion VNO=5μVrms (ATT=-∞, JIS-A) THD=0.01% Typ. (V0=0.5Vrms,
DIN-AUDIO)
Absolute Maximum Ratings
Packaging Type
SOP-8
VIN1
VIN2
VOUT1
VOUT2
GND
VCC
DATA
CLOCK
Symbol
Parameter
Ratings
Unit
Vcc
Supply voltage
6.0
V
Pd
Power dissipation
625(p),440(FP) mW
Topr
Operating temperature
-20 to +75
Tstg
Storage temperature
-55 to +125
Pin No
Symbol
Function
1
VIN1
1-ch input pin
2
VOUT1
1-ch output pin
3
GND
Ground pin
4
DATA
Control data input pin. Inputs data in synchronization with clock
5
CLOCK
Clock input pin for transferring serial data
6
VCC
Power supply pin. Stabilize the pin with decoupling capacitor
7
VOUT2
2-ch output pin
8
VIN2
1-ch input pin


Similar Part No. - ACE624

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE621E ACE-ACE621E Datasheet
697Kb / 8P
Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
VER 1.2
More results

Similar Description - ACE624

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7535M SANYO-LC7535M Datasheet
226Kb / 9P
Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
High Breakdown Voltage Serial Control Electronic Volume Control
logo
Samsung semiconductor
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
DUAL ELECTRONIC VOLUME CONTROL
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
Serial Data Control Dual Electronic Volume
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
Serial Data Control Dual Electronic Volume
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
Serial data controlled dual channel electronic volume control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com