Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE511136AM+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE511136AM+H
Description  500mA LDO Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE511136AM+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE511136AM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE511136AM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE511136AM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE511136AM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE511136AM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE511136AM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE511136AM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE511136AM+H Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
                                                                                                                     
ACE511
                        Technology
500mA LDO Linear Voltage Regulator
VER 1.2
1 
Description
The ACE511 series is a low-drop-out ( LDO ) linear regulator. The devices have been optimized for
applications where fast transient response and minimum input voltages are critical.
At light loads the typical dropout voltage is 10mV, and at full load the maximum dropout voltage is less
than 500mV. The internal over-current protection and thermal protection ,makes the device extremely
easy to use in a wide range of applications. 
Features
• Low dropout performance
• Output current of 500mA typical
• Thermal shutdown protection
• Fixed 1.5V/1.8V/2.5V/2.8V/3.0V/3.3V/3.6V output voltages available
• SOT-89-3, and SOT-23-3 packages available
Application
• Active SCSI terminators
• Battery chargers
• High efficiency linear regulators
• Wireless communication systems
• Digital camera
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input supply voltage
VIN
6
V
Thermal resistance junction to ambient
SOT-89-3
SOT-23-3
θJA
180
230
OC/W
Junction temperature
TJ
150
OC
Storage temperature range
TSTG
- 10 to 150
OC
Lead temperature (soldering) 10sec
TLEAD
260
OC
Note : Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive
into, negative out of the specified terminal.


Similar Part No. - ACE511136AM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE51117C ACE-ACE51117C Datasheet
202Kb / 3P
800mA Bipolar Linear Regulator
VER 1.1
More results

Similar Description - ACE511136AM+H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
500mA CMOS LDO Voltage Regulator
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
500mA LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
500mA CMOS LDO Linear Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
500mA CMOS LDO Voltage Regulator
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
500mA Super LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com