Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC11 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11
Description  11mm Size Metal Shaft Type
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC11 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Incremental
Type
Absolute
Type
182
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
11mm Size Metal Shaft Type
EC11 Series
Encoder
Products other than those listed in the above chart are also available. Please contact us for details.
Note
Product Line
Push lock
Self-return
switch
Flat
Slotted
25
26.4
20
15
Inner-shaft=25
Outer-shaft=15
Without
With
Without
With
Without
8
0.5
1.5
−
10
±7
3 to 30
3 to 30
7
8
9
10
13
1,000
800
1,200
1,200
700
Self-return
switch
Self-return
switch
Without
Without
EC11E152T409
EC11E152U402
EC1110120005
EC1110120103
EC1110120201
EC11E0B2LB01
Less
shaft
wobble
With
18
20-tooth
serration
1.5
10
±7
7
+3
−4
6
1,200
15
30
Without
30
EC11G1524402
EC11G1534403
ABC
switch
0.5
1.5
10
±7
11
1,000
ABC
switch
18
30
18
EC11EH124403
EC11EH224403
EC11EH124404
EC11EH224404
Product No.
Drawing
No.
Minimum
order unit
(pcs.)
30,000
15,000
15,000
Operating
life
(cycles)
Number
of detent
Number
of pulse
Actuator
configuration
Structure
Actuator
length
(mm)
Push-on
switch
Travel of
push-on switch
(mm)
Torque
(mN・m)
Dual-shaft
Slotted
Inner-shaft=25
Outer-shaft=15
Without
0.5
−
12
15
30
EC11EBB24C03
Flat
With
1.5
Refer to P.191 for product varieties.
Refer to
P.191 for attached parts.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com