Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC11 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11
Description  11mm Size Metal Shaft Type
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  EC11 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
C1
3.5
R0.5
3.5
4.5
(
20)
24.5
7
11.7
9.2
ACB
D
E
D
E
10
0.5 or 1.5
Switch travel
(Switch01)
(Switch02)
C1
3.5
R0.5
3.5
Dummy
terminal
4.5
(
20)
24.5
7
11.7
9.2
ACB
12
(Switch01)
Incremental
Type
Absolute
Type
183
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
C1
20
0.8
6.9
M7G0.75
11.7
2
14.1
7
10
1.5
7.75
Switch travel
(Switch01)
(Switch02)
C1
20
0.8
6.9
M7G0.75
11.7
2
14.1
7
10
0.5
6.7
Switch travel
(Switch01)
(Switch02)
Dimensions
Unit:mm
No.
3
4
Photo
Style
PC board mounting hole
dimensions
(Viewed from mounting side)
3.8
2.5
5-ø1 holes
5
2.1
Mounting
surface
B
C
A
E
D
A C B
12.5
Dummy
5-ø1 holes
5
5
1.5
Horizontal
with push-on switch
(travel 1.5mm)
Vertical
Vertical
with push-on switch
(travel 0.5/1.5mm)
5
A C B
D
E
12.5
5-ø1 holes
5
5
1.5
1
2
C1
20
0.8
5.7
M7
G0.75
11.7
2
14.1
7
12
5.5
(Switch01)
3.8
3-ø1 holes
3.7
2.1
Mounting
surface
B
C
A
3.8
2.5
5-ø1 holes
5
2.1
Mounting
surface
B
C
A
E
D
Horizontal
Horizontal
with push-on switch
(travel 0.5mm)
11mm Size Metal Shaft Type
EC11 Series
Encoder



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com