Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC12 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC12
Description  12mm Size Insulated Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC12 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC12 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC12 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC12 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC12 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Incremental
Type
Absolute
Type
193
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
7
5
15
3.5
3.5
surface
Mounting
ø6.6
(0.6)
(0.8)
12.4
(8.2)
14
3.5
LM1
R1
5
(5)
(0.8)
3.5
ø6.8
Mounting surface
14
12.4
(8.2)
Product Line
With Switch Type
Product No.
Drawing
No.
Number
of detent
Number
of pulse
Actuator
length
(mm)
4
Vertical
24
12
20
25
25
20
30
25
30
Standard
3 to 20
Standard
25
±15
Heavy 40
±15
24
12
Without
EC12E2420802
EC12E1220813
EC12E2420801
EC12E2430804
EC12E2420803
EC12E2430803
EC12E2460802
Operating
force of switch(N)
Travel of push-on
switch
(mm)
Operating
direction
5
Vertical
30
5
±3
10
±5
3
0.5
15
17.5
EC12D1564402
EC12D1524403
5
±3
10
±5
6
EC12D1564404
EC12D1524406
Detent torque
(mN・m)
950
Minimum order
unit
(pcs.)
1,280
Minimum order
unit
(pcs.)
Product No.
Drawing
No.
Number
of detent
Number
of pulse
Actuator
length
(mm)
Operating
force of switch(N)
Travel of push-on
switch
(mm)
Operating
direction
Detent torque
(mN・m)
Refer to P.194 for product varieties.
Dimensions
5
22
13.2
B
AC
3-ø1 holes
13.2
22
5
AC B
3-ø1 holes
Photo
Style
Short shaft
High collar type
No.
1
2
PC board mounting hole
dimensions
(Viewed from mounting face)
Unit:mm
With Bushing Type
LM1
17.5
R1
5
20
7
25
12
Nuts and washers are not included. If required, please contact us.
Note
12mm Size Insulated Shaft Type
EC12 Series
Encoder



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com