Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC12 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # EC12
Description  12mm Size Insulated Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC12 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  EC12 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC12 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC12 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC12 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Incremental
Type
Absolute
Type
194
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
17.5
3
5
0.5
14.1
12.5
A
C
D
B
E
3.5
φ
6.8
Mounting surface
5 (6)
Switch Travel
Product Varieties
Shaft Dimensions
Flat Type
Unit:mm
With high collar type
LM1
R1
17.5
20
22.5
25
5
7
7
12
12
30
With bushing type
LM1
R1
20
25
30
35
LB
7
7
12
12
7
12
12
12
Detailed dimensions
Excluding the 12 detent type
Detailed dimensions
LM1
R1
Mounting surface
3.5
1
3.5
5.5
LB
LM1
Mounting surface
R1
Dimensions
Unit:mm
No.
3
4
5
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
3.5
8.5
5
2.65
1.2
(0.6)
3.5
(0.8)
¿6.6
Mounting surface
14
12.4
(8.2)
¿3.1
5
Locating lug detail
No thread area
1
3.5
LM1
7
5.5
3.5
M9x0.75
Mounting surface
R1
A
14
12.4
(8.2)
2.5
X
X
Y
Y
13.2
22
5
AC B
3-ø1 holes
13.2
2
3-ø1
2
5
C
A
B
holes
Hollow shaft
With bushing
With push-on switch
type
13.3
11.1
2.05
2.05
5.95
A
CD
B
E
5-φ1Holes
A
-
-
LM1
20
25
R1
7
12
5
30
12
12mm Size Insulated Shaft Type
EC12 Series
Encoder



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com