Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE55545AMC+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE55545AMC+
Description  400mA LDO Dropout Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE55545AMC+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE55545AMC+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
                                                                                                                      
ACE555
                        Technology
400mA LDO Dropout Voltage Regulator
VER 1.2
3
Recommended Work Conditions
Item
Min
Nom
Max
Unit
Input Voltage Range
18
V
Ambient Temperature
-50
140
OC
Electrical Characteristics
Symbol
Prameter
Condition
Min
Typical
Max
Units
ACE555-1.8V
1.764
1.80
1.836
V
ACE555-2.5V
2.45
2.5
2.55
V
ACE555-2.85V
2.793
2.85
2.907
V
ACE555-3.3V
3.234
3.3
3.366
V
Vout
Output Voltage
ACE555-5.0V
4.9
5
5.1
V
Vin=5V~15V
0.2
0.4
%
ΔVout
Line Regulation(note1)
ACE555-5.0V
(Vin=7V~15V)
0.2
0.4
%
ΔVout
Load Regulatiion(note1,2)
IL=0~400mA
0.2
0.4
%
Dropout
Voltage
Input-Output Voltage
Differentia(note3)
ΔVout, ΔVref,=1%,
Iout=400mA
1.22
1.3
V
Current
Limit
Max Load Current
Vin-Vout=2V, Tj=25℃
600
mA
Iq
Quiescent Current
4
8
mA
ΔVout/
ΔT∙Vout
Temperature Stability
0.5
%
Note:1.The Parameters of Line Regulation and Load Regulation in Table1 are tested under constant junction temperature. The
Curve of Load Regulation vs. Temperature is shown in typical parameter curve that follows.
2.When Iout varies between 0~400mA,Vin-Vout varies between 1.5V~12V under constant junction temperature,the
parameter is satisfied the criterion in table. If temperature varies between -50 ≤TA≤140
℃℃,
it needs output current to be
larger than 10mA to satisfy the criterion.
3.Dropout Voltage is specified over the full output current range of the device, and it is tested under following testing
conditions: First step is to find out the Vout value (Vout1) when Vin1=Vout+1.5V, second step is to decrease Vin(Vin2)
until Vout value is equal to 99%*Vout1(Vout2). Vdropout=Vin2-Vout2.
4.Minimum Load Current is defined as the minimum output current required to maintain regulation. When
1.5V Vin
≦
-Vout 12V
≦
,
the device is guaranteed to regulate if the output current is greater than 10mA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com