Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE55545AMC+ Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE55545AMC+
Description  400mA LDO Dropout Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE55545AMC+ Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE55545AMC+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE55545AMC+ Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
                                                                                                                      
ACE555
                        Technology
400mA LDO Dropout Voltage Regulator
VER 1.2
4
Detailed Description
ACE555 is a series of low dropout voltage, three terminal regulators. Its application circuit is very simple:
the fixed version only needs two capacitors and the adjustable version only needs two resistors and two
capacitors to work. It is composed of some modules including start-up circuit, bias circuit, bandgap,
thermal shutdown, current limit, power transistors and its driver circuit and so on.
The thermal shut down and current limit modules can assure chip and its application system working
safety when the environment temperature is larger than 140
or output current is larger than 600mA.
℃
The bandgap module provides stable reference voltage, whose temperature coefficient is compensated
by careful design considerations. The temperature coefficient is under 100ppm/ . And the accuracy of
℃
output voltage is guaranteed by trimming technique,
Typical Application
ACE555 has an adjustable version and five fixed versions, Chart1 is its typical application.
ACE555
Vin
Vin
Vout
Vout
GND
+
10uF
+
22uF
Cin
Cout
Application Hints
1.Recommend using 10uF tan capacitor as bypass capacitor(C1) for all application circuit.
2.Recommend using 22uF tan capacitor to assure circuit stability.
3.Using a bypass capacitor(CAdj) between the adjust terminal and ground can improve ripple rejection,
This bypass capacitor prevents ripple from being amplified as the output voltage is increased.The
impedance of CAdj should be less than the resistor’s(R1) which is between output and adjust pins to
prevent ripple from being amplified at any ripple frequency. As R1 is normally in the range of 200Ω~350
Ω
,the value of CAdj should satisfy this equation:2*Fripple*CAdj<R1. Recommend using 10uF tan
capacitor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com