Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2304 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE2304
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2304 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE2304 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE2304
Technology
N-Channel Enhancement Mode MOSFET
VER 1.2
3
Dynamic
Total Gate Charge
Qg
4.5
10
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
VDS=15V, VGS=10V, ID=2.5
1.0
nC
Input Capacitance
Ciss
240
Output Capacitance
Coss
110
Reverse Transfer Capacitance
Crss
VDS=15V, VGS=0V, f=1MHz
17
pF
td(on)
8
20
Turn-On Time
tr
12
30
td(off)
17
35
Turn-Off Time
tf
VDD=15RL=15, ID=1.0A, VGEN=10,
RG=6Ω
8
20
nS
Typical Performance Characteristics
Output Characteristics
Transfer Characteristics
VDS-Drain-to-Source Voltage (V)
VGS-Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
Capacitance
ID-Drain Current (A)
VDS-Drain-to-Source Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com