Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2304 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2304
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2304 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2304 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE2304
Technology
N-Channel Enhancement Mode MOSFET
VER 1.2
1
Description
The ACE2304 is the N-Channel logic enhancement mode power field effect transistor are produced
using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone and notebook
computer power management and Battery powered circuits, and low in-line power loss are needed in a
very small outline surface mount package.
Features
• 30V/3.2A, RDS(ON)=65mΩ@V
GS=10V
• 30V/2.0A, RDS(ON)=90mΩ@VGS=4.5V
• Super high density cell design for extremely low R
DS(ON)
• Exceptional on-resistance and maximum DC current capability
Application
• Power Management in Note book
• Portable Equipment
• Battery Powered System
• DC/DC Converter
• Load Switch
• DSC
• LCD Display inverter
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±
20
V
TA=25℃
3.2
Continuous Drain Current (TJ=150℃)
TA=70℃
ID
2.6
A
Pulsed Drain Current
IDM
10
A
Continuous Source Current (Diode Conduction)
IS
1.25
A
TA=25℃
1.25
Power Dissipation
TA=70℃
PD
0.8
W
Operating Junction Temperature
TJ
150
OC
Storage Temperature Range
TSTG -55/150
OC
Thermal Resistance-Junction to Ambient
RθJA
100
OC/W


Similar Part No. - ACE2304

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2304 ACE-ACE2304 Datasheet
584Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE2304B ACE-ACE2304B Datasheet
369Kb / 5P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE2304BM+H ACE-ACE2304BM+H Datasheet
584Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE2304 ACE-ACE2304_12 Datasheet
584Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE2304

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com