Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM20B4000000 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EM20B4000000
Description  20mm Size Metal Shaft Magnetic Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EM20B4000000 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EM20B4000000 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EM20B4000000 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EM20B4000000 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Incremental
Type
Absolute
Type
201
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Dimensions
Unit:mm
Style
With LED
With push-on switch
(travel 0.5mm)
20
ø21.5
16
13
Snap-in
5.5
C0.5
3.5
1
2.4
ø4
3
0.5
Switch
travel
3.9
ø4
3
20
LED
ø18.6
9˚
L1 L31
31
-0
.8
3.6
0.5
Switch travel
C0.5
19
3.5
3.9
Snap- in
Lamp house Top : Black
Side : White
No.
2
3
1.8
11.1
6-ø0.6 holes
2-ø
1 h
ole
s
2.5 4
29.25˚
B
GA
VB
VA
A
GB
5
S1
S2
VA, VB
MMM Power supply
GA, GB
MMM Ground
A, B
MMMMMMMM Out put
PC board mounting hole dimensions
(Viewed from mounting side)
LED Unit Recommended Drive Circuit Block Diagram
A
B
Common
select signal
Driver
5
6
7
8
42
1
3
10 12 11
9
8 bit latch driver shift register
DATA (display data)
CLK (data transfer clock)
LATCH (display data latch signal)
6-
ø6
ho
le
s
12
11.1
1.8
5
12-ø0.8 holes
6.43
10.38
16.63
13.83
(
R
10
)
29.25
2.54
2.18
1
2-ø1
+0.1
0
20mm Size Metal Shaft Magnetic Type
EM20B Series
Encoder
With push-on switch
(travel 0.5mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com