Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM20B4000000 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # EM20B4000000
Description  20mm Size Metal Shaft Magnetic Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EM20B4000000 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  EM20B4000000 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EM20B4000000 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EM20B4000000 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Incremental
Type
Absolute
Type
178
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Encoders
List of Varieties
Incremental
5.7
9.8
2.7
12.6
6.5
4.4
Vertical/Horizontal
Horizontal
12
/12
12
/24
195
198
5mm size
10mm size
EC05E
EC10E
Hollow shaft
10.8
11
7.5
Vertical
With
(0.5)
Without
16
/16
199
11mm size
Single-shaft
Hollow shaft
EM11B
Magnetic
20
22.25
13
Display function
Without/ With
(0.5)
40
/40
200
20mm size
EM20B
Soldering
Dimensions
(mm)
Shaft types
Operating
direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
Optional
functions
W
D
H
Manual soldering
Type
Photo
Output
Changeover
angle
Series
Dip soldering
Reflow soldering
Page
350
℃ max. 3s max.
260
±5℃, 3±1s
Please see P.189
Operating temperature range
−30℃ to +85℃
0.55mA
1mA
Output of A and B signals, proportionate to
phase difference
Incremental
50M
Ω min. 50V DC
50V AC for 1minute
1.6
±1.3mN・m
−40±3℃ for 240h
85
±3℃ for 240h
40
±2℃, 90 to 95%RH for 240h
5
±3mN・m
Maximum operating current
(resistive load)
Output signal
Output type
Instulation resistance
Push-pull strength
Cold
Damp heat
Dry heat
Voltage proof
Rotational torque
Detent torque
● Encoders Attached Parts ……………………………………………………………………………………………………209
● Encoders Cautions ………………………………………………………………………………………………………210, 211
260
℃ max. 3s max.
VHI
:+4.0V min. VLO:0.5V max.(lsink=5mA)
A,B
(Square wave)
100M
Ω min. 100V DC
250V AC for 1minute
300V AC for 1minute
10
±5mN・m
100N
ー10℃ to +70℃
100M
Ω min. 250V DC
7mN
・m max.
8
±5mN・m
−40±3℃ for 96h
85
±3℃ for 96h
−30±3℃ for 240h
80
±3℃ for 240h
40
±2℃, 90 to 95%RH for 96h 40±2℃, 90 to 95%RH for 240h
F The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Note
Push-on Switch Specifications
Items
EM11B
EM20B
Contact arrangement
Single pole and single throw
(Push-on)
0.5
+ 0.3
− 0.2
5.5
±3
5mA 5V DC
(50mA 12V DC)
3A 16V DC
500m
Ωmax for initial period;5Ωmax after operating life
1,000,000times min.
0.5
+ 0.4
− 0.3
6±3
100m
Ωmax for initial period;200mΩmax after operating life
25,000times min.
Travel
(mm)
Operating force
(N)
Rating
Contact resistance
Operating life



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com