Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKJXM Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RKJXM
Description  8-directional Stick Switch (with Center-push Function)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RKJXM Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RKJXM Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RKJXM Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RKJXM Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Variable
Resistor Type
Switch
Type
477
Multi Control
Devices
10° max.
4
12° max.
3.16
A·B·C·D Direction
AB·BC·CD·DA Direction
Fulcrum position of lever
10° max.
4
12° max.
3.16
A·B·C·D Direction
AB·BC·CD·DA Direction
Fulcrum position of lever
Unit:mm
Unit:mm
5
ø12.2
ø14.15
5.45
Fitting hole
DC 5V
5k
Ω
Terminal B
Terminal A
Terminal C
Encoder part
5k
Ω
OFF(5V)
ON(0V)
OFF(5V)
ON(0V)
△
T
Detent point
Duty ratio 1:1(Nominal)
t1
t2
A-Phase
(Terminals A-C)
B-Phase
(Terminals B-C)
Chattering, bounce and phase difference indicate the time measured
at constant 60rpm. Phase difference △T: above 5ms. Chattering t1:
below 4ms. Bounce t2: below 2ms.
Lever Operating Angle
Detailed Dimensions of Knob Fitting
Test Circuit
Output Signal
Push
Com
A
B
C
D
Switch Circuit
No.
1
Style
Photo
PC board mounting
hole dimensions
X
Y
3.2
D
B
C
A
3.5
15
6.6
1
X
Y
1.2
4-11
ø9.9
Y
4.15
2-2
B
Push
COM
Y
X
Ground
X
C
Push
A
D
ø1.1
hole
9-ø1
holes
Push
2
X
15
3.5
5.45
10.25
1
4.5
3.2
Fitting grove depth
X
Y
Y
4-19.5
1.2
ø1
.1
h
ole
4.15
2-5
2-2
Ground
X
Phase B
Phase A
B
C
A
Push
Push
Push
COM
D
Y
X
Y
E-COM
E-COM
For fixing
For fixing
For fixing
For fixing
ø9.9
ø2
0.3
Dimensions
Unit:mm
A
AB
B
DA
D
CD
BC
C
XX
Y
Y
Operating direction of lever.
A
AB
B
DA
D
CD
BC
C
XX
Y
Y
Operating direction of lever.
RKJXM10
RKJXM2E
8-directional Stick Switch (with Center-push Function)
RKJXM Series
Multi Control Devices



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com