Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKJXM Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RKJXM
Description  8-directional Stick Switch (with Center-push Function)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RKJXM Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RKJXM Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RKJXM Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RKJXM Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Variable
Resistor Type
Switch
Type
476
Multi Control
Devices
Typical Specifications
(Inner-shaft Stick Switch)
Rating
(max.)
(Resistive load)
Push operation
Lever operation
Travel
(Push operation)
Operating life
10mA 5V DC
1
Ω max.
A
・B・C・D direction : 30±20mN・m
AB
・BC・CD・DA direction : 25±20mN・m
A
・B・C・D direction : 10°max.
AB
・BC・CD・DA direction :12°max.
0.3
±0.2mm
total with 8-direction 100,000cycles
100,000cycles
8-direction
Center-push
Items
Specifications
Operating force
Operating angle
(Lever operation)
Contact
resistance
Product Line
8
RKJXM1015001
1
1,000
15-pulses
/15-detents
RKJXM2E13001
2
Encoder
Direction
1
2
Shaft
Maximum resolution
Minimum order unit
(pcs.)
Product No.
Drawing No.
Typical Specifications
(Outer-shaft Stick Encoder)
Detent torque
Operating life
10mA 5V DC
12
±8mN・m
15,000cycles
Items
Specifications
Rating
(max.)
(Resistive load)
8-directional Stick Switch (with Center-push Function)
RKJXM Series
Single and dual shaft structured device contributes to simple operation and space saving.
Multi Control Devices
With Encoder


Similar Part No. - RKJXM

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXM1015001 ALPS-RKJXM1015001 Datasheet
820Kb / 4P
Single and dual shaft structured device contributes to simple operation and space saving
logo
List of Unclassifed Man...
RKJXM1015004 ETC-RKJXM1015004 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RKJXM2E13001 ALPS-RKJXM2E13001 Datasheet
820Kb / 4P
Single and dual shaft structured device contributes to simple operation and space saving
logo
List of Unclassifed Man...
RKJXM2E13004 ETC-RKJXM2E13004 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RKJXM ALPS-RKJXM_15 Datasheet
820Kb / 4P
Single and dual shaft structured device contributes to simple operation and space saving
More results

Similar Description - RKJXM

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL Datasheet
136Kb / 2P
8-directional Stick Switch (with Center-push Function)
RKJXS ALPS-RKJXS Datasheet
155Kb / 3P
8-directional Stick Switch (with Center-push Function)
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
4-directional Stick Switch (with Encoder/Center-push Function)
SKQU ALPS-SKQU Datasheet
244Kb / 4P
4-direction with Center-push Function (SMD & Snap-inType)
SKRH ALPS-SKRH Datasheet
177Kb / 3P
4-direction with Center-push Function (Surface mount type)
SKRV ALPS-SKRV Datasheet
185Kb / 3P
Low-profile 4-direction with Center-push Function (Surface Mount Type)
SSAF ALPS-SSAF Datasheet
259Kb / 4P
Slide Operation Type Stick Switch with 8-contact and Center-push Function
RKJXW ALPS-RKJXW Datasheet
1,009Kb / 5P
8-directional Stick Switch (with Encoder / Center-push Function)
SKRH ALPS-SKRH_15 Datasheet
670Kb / 3P
4-direction with Center-push Function (Surface Mount Type)
SKRV ALPS-SKRV_15 Datasheet
684Kb / 3P
Low-profile 4-direction with Center-push Function (Surface Mount Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com