Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDA4A0200 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDA4A0200
Description  Connector for SD Memory Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDA4A0200 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCDA4A0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
27.5
0.4
10.3
9.5
9.2
7.6
6
4.4
2.8
8.4
6.8
5.2
3.6
2
0.4
1.2
No.9
No.8
No.!0
Card detect
switch
14.1
12-0.4
2-1
2.9
No.!3
GND
No.!2
Write protect
detect switch
No.!1
Common
Card
center
Connector
center
(
0.65)
PC board mounting hole dimensions
(Viewed from the mounting face side)
No.
Style
13.95
13.8
14.1
10 max. 9.2 max.
11.6
27.6
12.4
9.2
7.6
6.8
6
4.4
2.8
1.2
8.4
5.2
3.6
2
0.4
No pattern area
Land area
No part mounting
10.7 min.
0.95 min.
0.95 min.
28.2 min.
0.95 min.
9.9min.
7.4 min.
11.1 min.
2-1.6 min.
0.8 min.
12-1 min.
11.5 min.
No.8
No.!2
No.7
No.6
No.5
No.4
No.9
No.1
No.2
No.3
No.!0
No.!1
No.!3
No.!4
Media ejection
structure
Push-push
type
Manual insertion and
removal type
11
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Mounting style
Standard
mount
Reverse mount
Standard mount
Features
Inner tail without frame legs
Inner tail with frame legs
Slim type With boss
Slim type Without boss
Slim type
Header type
Stand-off
(mm)
0
Packing system
Taping
Product No.
SCDA3A0102
Drawing No.
1
SCDA3A0202
2
SCDA4A0200
3
SCDA4A0301
4
SCDA4A0400
7
SCDA5A0201
8
SCDA6A0101
9
SCDA3C0102
10
1.8
0
Tray
Taping
Product Line
Connector for SD Memory Card
SCDA Series
9.9 min.
7.4 min.
11.1 min.
28.2 min.
0.4
3.6
14.1
2-1.6 min.
2.8
12-1 min.
1.2
4.4
9.2 max.
10 max.
10.7 min.
11.5 min.
9.2
7.6
8.4
6.8
5.2
6
2
No.!4
No.9
No.1
No.3
No.2
No.8
No.7
No.!2
No.6 No.5 No.4
No.!0
No.!1
No.!3
No pattern area
Land area
No part mounting
Unit:mm
1
Standard mount
(Inner tail)
Without frame legs
Dimensions
2
With frame legs
27.5
0.4
2-1
12-0.4
14.1
1.2
0.4
2
3.6
5.2
6.8
8.4
2.8
4.4
6
7.6
9.2
28.9
9.5
10.3
2.9
0.4
Conector
Center
Card
Center
12.4
24
2-¿1
No.!0
Card detect
switch
No.!1
Common
No.!2
Write protect
detect switch
No.!3
GND
No.5
No.3
No.9
No.8
No.2
No.1
No.6
No.7
No.4
No.!4
GND
Card eject
stroke 8mm
1.5
SCDA7A0101
5
SCDA7A0200
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com