Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDA4A0200 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDA4A0200
Description  Connector for SD Memory Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDA4A0200 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SCDA4A0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SCDA4A0200 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
No.!3 GND
detective switch
Write protect
No.!2
10.125
8.425
6.725
5.025
3.325
0.725
11.275
9.475
7.775
6.075
4.375
2.675
0.975
No.!0
Card detect switch
No.!1
No.8
No.7
No.6
No.5
12.75
13.5
12.48
12.8
13.55
11.62
No.!4 GND
No.9
No.1
No.2
No.3
No.4
0.5
4.65
center
Card
0.375
center
Connector
27
14
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
PC board mounting hole dimensions
(Viewed from the mounting face side)
No.
Style
7
Stand–off 1.8mm
Slim type
Unit:mm
Standard mount
Dimensions
12.6
12
1.25
φ
1.425
min.
27.8
min.
27.2
12.5
12.475
11.3
10.75
1.4
12.48
6.075
4.375
2.675
0.975
1
13-
11.62
6.725
5.025
3.325
0.725
10.125
8.425
11.275
9.475
7.775
Mounting Area 1.0mm max.
Mounting Area 1.2mm max.
Mounting Area 1.5mm max.
Land
No Part Area
Connector for SD Memory Card
SCDA Series
0.50
4.65
1.8
Card center
Connector center
27
0.35
Stand–off 1.8mm
Slim type
Dimensions
PC board mounting hole dimensions
(Viewed from the mounting face side)
Unit:mm
Reverse mount
No.
8
Style
13-1
2-ø0.9
1.4
12.28
11
12.875
12.125
14.225
14.275
11.175
9.475
7.775
6.075
4.375
2.675
0.975
9.225
7.525
5.825
4.125
2.425
0.725
1.4
No.9
No.1
No.2
No.3
No.4
No.5
No.!0
Card detect
switch
No.!3
GND
No. !2
Write protect
detect switch
No.!1
No.8
No.7
No.6
No part mounting
Land area
Mounted part height:1.5 max.
Common
27.8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com