Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCEC Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCEC
Description  Connector for Memory StickTM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCEC Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCEC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCEC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCEC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mounting
datum plane
Opening groove taper
Opening groove taper
Mounting
datum plane
Locked
position
27.4
(11.675)
3.7
2-0.9
Media width for media insertion
21.65
0.8
1
2-2.1
Media outline
Card center
4 Frame
terminals
10-0.5
9-1.5
(5.525)
10.2
(11.975)
37
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
PC board mounting hole dimensions
(Viewed from the mounting face side)
(※)10.7 min.
(※)18 min.
(※)17.7 min.
(※)6.2 min.
(※)17.25 min.
17.5
15
Pad 2.4
Pad 10-0.9
Pad 2.4
Pitch 9-1.5
Center of #1-Pad
#10
#1
9.3
(※Dimensions) no parts
Media outline
mounting area
Card center
22.5
Unit:mm
Style
Dimensions
With boss standard mouth
Connector for Memory Stick™
SCEC Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com