Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCEC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCEC
Description  Connector for Memory StickTM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCEC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCEC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCEC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCEC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
36
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Connector for Memory Stick
TM
SCEC Series
Improved operability from long ejection stroke (10mm) and
clear click feel.
4 solder lug terminals are provided in the plate for secure
mounting onto the PC board.
Allows setting of media locking mechanism.
Reflow solderable.
Features
For compact audio equipment, personal digital assistants,
desktop PCs and notebook PCs
For home audio equipment (TVs, set top boxes and recorders)
For digital camcorders, digital still cameras, and headphone
players
Applications
Memory Stick
TM
Standard mount
Surface mounting type
Push-push type
500V AC 1minute
Applicable media
Structure
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
−20℃to+60℃
1,000M
Ω min.
40m
Ω max.
12,000cycles
Operating
temperature range
Performance
Contact resistance
(Initial)
Insertion and
removal cycle
Voltage proof
Insulation resistance
(Initial)
Typical Specifications
Media ejection
structure
Push-push type
Mounting
system
Standard
mount
Stand-off
(mm)
0
Features
With boss standard mouth
Product No.
Packing
system
Tray
SCEC1B0100
Product Line
ESD (electro-static discharge) protection model whose robust structure achieves
high reliability.


Similar Part No. - SCEC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SCE TEC-SCE Datasheet
147Kb / 1P
True Off-Delay timing modes
logo
Gamewell-FCI by Honeywe...
SCE-95 GAMEWELL-FCI-SCE-95 Datasheet
74Kb / 2P
Signal Control Element
SCE-SS GAMEWELL-FCI-SCE-SS Datasheet
516Kb / 4P
Addressable Control and Relay Modules
logo
Mallory Sonalert Produc...
SCE016LD2CTB MSPI-SCE016LD2CTB Datasheet
55Kb / 1P
Voltage Rating 6 to 16 VDC
SCE016LD2DP2B MSPI-SCE016LD2DP2B Datasheet
55Kb / 1P
Voltage Rating 6 to 16 VDC
More results

Similar Description - SCEC

ManufacturerPart #DatasheetDescription
logo
Winbond
W86L387D WINBOND-W86L387D Datasheet
375Kb / 25P
Winbond Host Interface Memory StickTM Bridge
logo
List of Unclassifed Man...
SBX1596-01 ETC1-SBX1596-01 Datasheet
31Kb / 2P
32LINE MEMORY FOR TBC
logo
Rohm
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
DDR/DDR2 (For memory module) SPD Memory
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
Connector for SD Memory Card
SCDB ALPS-SCDB Datasheet
136Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
SCNA ALPS-SCNA Datasheet
254Kb / 3P
Connector for Memory Stick Micro?
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
DDR/DDR2 (For memory module) SPD Memory
BR34L02FV-W ROHM-BR34L02FV-W_09 Datasheet
464Kb / 18P
DDR1/DDR2 For memory module) SPD Memory
BR24C21 ROHM-BR24C21_11 Datasheet
711Kb / 23P
EDID Memory (For display)
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com