Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCFB Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCFB
Description  Connector for CompactFlash
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCFB Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCFB Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCFB Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCFB Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCFB Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCFB Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
47
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
2-3.6 min.
Pitch 0.635
21.75
43.5
39.9
(0.635×49=) 31.115
Width 0.35
#26
#1
26 min.
22
27.35
24.25
8.9
2.4
5.4
24.6 min.
29.45 min.
2-¿2.6
2.4
2-Ground pad
27.7 min.
Nopattern area
Nopart mounting
2.25 min.
#25
#50
20.8 max.
23.2 max.
2.5 max.
15.7 min.
PC board mounting hole dimensions
(Viewed from the mounting face side)
0.3 max.
Pitch 0.635
43.5
PC board
mounting side
PC board
mounting side
(55)
(51.6)
(48.35)
17 max.
1.27
Card center
#25
#26
#1
#50
2-¿2.54 max.
2-¿1
(
Full height)
4.45
27.1 max.
Range of movement of the lever
3 min.
26.1
39.9
22.25
Knob
lock pos.
Knob eject pos.
Knob
over tra.
6.3
27.35
24.25
25.95
27.65
29.05
43
2-M2×P0.4
2-M2×P0.4
2-3.6 min.
15.7 min.
2.5 max.
27.7 min.
2-Ground pad
2.4
29.45 min.
24.6 min.
24.25
2-¿2.6
27.35
5.4
2.4
8.9
22
26 min.
23.2 max.
20.8 max.
#50
#25
2.25 min.
#26
43.5
39.9
(0.635×49=)31.115
21.75
No part mounting
No pattern area
#1
Pitch 0.635
Width 0.35
Unit:mm
Dimensions
No.
1
0.3max.
6.3
Card center
2-ø1
43.5
43
PC board
mounting side
(55)
(51.6)
(48.35)
17 max.
2-ø2.54 max.
Pitch 0.635
1.27
PC board
mounting side
(Full height)
27.35
27.65
29.05
24.25
25.95
4.45
27.1
Range of movement of the lever
3 min.
26.1
39.9
22.25
Knob lock pos.
Knob eject pos.
2-M2
×P0.4
2-M2
×P0.4
Knob
over tra.
#26
#50
#25
#1
2
Style
Standard mount
Media ejection
structure
2 step
lever ejection type
Mounting system
Stand-off
(mm)
0
Ejector
SCFB3A0300
Position
of knob
Right
Applicable card
Type
Ⅰ/TypeⅡ
Drawing
No.
1
Pin header
Product No.
SCFB1A0500
SCFB3A0900
Left
2
1.2
SCFB3A0200
Right
3
SCFB1A0900
SCFB3A1000
Left
4
Reverse mount
0
SCFB3A0400
Right
5
SCFB1A0600
SCFB3A0500
Left
6
Product Line
Pin headers and ejectors are supplied as separate parts. To apply these parts, solder the pin header to the printed circuit board,
assemble the ejector to the pin header and screw cramp.
Note
2 step
Standard type
Stand–off 0mm
Position of knob: Right
2 step
Standard type
Stand–off 0mm
Position of knob: Left
Connector for CompactFlash™
SCFB Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com