Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCFB Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCFB
Description  Connector for CompactFlash
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCFB Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCFB Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCFB Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCFB Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCFB Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCFB Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
46
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Unique eject mechanism achieves high operability and 5mm ejection stroke.
Metal-plated structure enhances noise reduction and
mechanical strength.
Screw clamping structure strengthens mounting.
Minimized depth design contributes to smaller body
structure.
●
●
●
Features
For digital still cameras, digital camcorders, various personal
digital assistants and printers
For flat panel TVs
For notebook PCs
●
●
●
Applications
1.27mm
50pins
500V AC 1minute
Structure
Items
Specifications
Type
Ⅱ compatible
Numbers of pins
Type
Ⅰ, TypeⅡ
Applicable media
5mm
Media ejection
Surface mounting type
Mounting type
Standard mount/Reverse mount
Mounting style
2 step
Eject mechanism
0/1.2mm
Stand-off
Pin pitch
−20℃ to +60℃
1,000M
Ω min.
40m
Ω max.
10,000cycles
Operating
temperature range
Performance
Contact resistance
(Initial)
Insertion and
removal cycle
Voltage proof
Insulation resistance
(Initial)
Typical Specifications
Connector for CompactFlash™
SCFB Series


Similar Part No. - SCFB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SCF MACOM-SCF Datasheet
148Kb / 1P
Programmable Time Delay Relay
logo
TE Connectivity Ltd
SCF TEC-SCF Datasheet
181Kb / 1P
4 user-programmable timing modes
logo
Kemet Corporation
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
76Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 0.05 H
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
484Kb / 8P
Common Mode SCF Coils, SCF Series, High Inductance Type
SCF-01-50002 KEMET-SCF-01-50002 Datasheet
385Kb / 4P
SC Coils, SCF Compact, High-inductance Type
More results

Similar Description - SCFB

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
CompactFlash Card
logo
Hitachi Semiconductor
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
CompactFlash?
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
CompactFlash?
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
CompactFlash Header
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
CompactFlash??Specification Standard
logo
List of Unclassifed Man...
AP-CF004GL9FS-NR ETC2-AP-CF004GL9FS-NR Datasheet
191Kb / 18P
Specifications for Industrial CompactFlash Card
AP-CF128MR9NS-NRA ETC2-AP-CF128MR9NS-NRA Datasheet
201Kb / 20P
CompactFlash Series 5 Specifications for Industrial CompactFlash Card
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com