Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCKA Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCKA
Description  Connector for CMOS Camera Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCKA Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCKA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCKA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCKA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
7.4
Style
0.45
0.325
0.65
2.6
1.4
6.8
1.75
1.85
6.98
6.15
0.2
0.8
Unit:mm
Dimensions
PC board mounting hole dimensions
(Viewed from the mounting face side)
No.
1
6
G6mm module type
7.4
CMOS
camera module
2
Connector/Cover combination diagram
(Reference)
Cover
Style
Connector
62
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Connector for CMOS Camera Module
SCKA Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com