Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCKA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCKA
Description  Connector for CMOS Camera Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCKA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCKA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCKA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCKA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
61
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Taping
Compact size achieved from thin body-forming molding.
Camera module detaching function.
Locking mechanism to prevent the camera module from
falling.
Shield cover included.
Vibration resistant contact structure.
Provided with an adsorption area allowing automatic
mounting.
●
●
●
●
●
Features
For camera-equipped mobile phones
●
Applications
Connector for CMOS Camera Module
SCKA Series
Typical Specifications
Items
Specifications
Dimensions
Structure
Mounting system
6
6mm module
type
Performance
Operating
temperature range
Voltage proof
Insulation
resistance
(Initial)
Contact resistance
(Initial)
Insertion and
removal cycles
Surface mounting type
7
×7×3.1mm
–25
℃ to +85℃
100V AC 1minute
1,000M
Ω min.
100m
Ω max.
10cycles
Items
Product No.
Minimum packing
unit
(pcs.)
Drawing
No.
6
×6mm module type
Packing system
2,000
SCKA2A0100
1
Product Line
Product
Connector
―
5,000
JSCKA0002A
2
Cover


Similar Part No. - SCKA

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
NTC Power Thermistors Inrush Current Limiters
logo
Thinking Electronic Ind...
SCK THINKING-SCK Datasheet
692Kb / 22P
Power Thermistor for Limiting Inrush Current
SCK-013 THINKING-SCK-013 Datasheet
692Kb / 22P
Power Thermistor for Limiting Inrush Current
SCK-015 THINKING-SCK-015 Datasheet
692Kb / 22P
Power Thermistor for Limiting Inrush Current
SCK-018 THINKING-SCK-018 Datasheet
692Kb / 22P
Power Thermistor for Limiting Inrush Current
More results

Similar Description - SCKA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
SPECIFICATION FOR CCD CAMERA MODULE
logo
Sony Corporation
MCB770 SONY-MCB770 Datasheet
121Kb / 2P
2M-Pixel CMOS Camera Module with Autofocus Function for Mobile Equipment
logo
Texas Instruments
TPS657051 TI-TPS657051 Datasheet
2Mb / 22P
PMU for Embedded Camera Module
TPS657052 TI-TPS657052_1 Datasheet
2Mb / 24P
PMU for Embedded Camera Module
TPS65708 TI1-TPS65708 Datasheet
2Mb / 22P
PMU for Embedded Camera Module
logo
Rohm
BD8682MUV-M ROHM-BD8682MUV-M Datasheet
1Mb / 28P
Camera Module System Power Supply ICs for CMOS Sensor
logo
Texas Instruments
TPS657095 TI1-TPS657095 Datasheet
820Kb / 41P
PMU for Embedded Camera Module
TPS65708 TI1-TPS65708_15 Datasheet
2Mb / 26P
PMU for Embedded Camera Module
TPS657051 TI1-TPS657051_15 Datasheet
3Mb / 26P
PMU for Embedded Camera Module
logo
Agilent(Hewlett-Packard...
ADCM-2650-0001 HP-ADCM-2650-0001 Datasheet
152Kb / 3P
Portrait VGA Resolution CMOS Camera Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com