Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCNA Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCNA
Description  Connector for Memory Stick Micro?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCNA Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCNA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCNA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCNA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
35
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Connector for Memory Stick Micro™
SCNA Series
No parts area
Ground pattern possible area
No Pattern area
Land area
11-0.6
6.72
0.9G10=9
5.92
6.57
7.62
7.77
6.57
4.47
3.07
3.12
P0.9
7.77
15.5
14.9
4-1.2
7.1
7.1
7.92
6.57
4.4
2.8
2.01
0.41
1
14.9
1.8
0.75
0.3
0.9
G10=9
0.9
P
3.12
0.8
0.41
2.8
4.4
2.01
0.75
0.75
Card center
Connector center
Dimensions
PC board mounting hole dimensions
(Viewed from the mounting face side)
Unit:mm
Style



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com