Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCNA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCNA
Description  Connector for Memory Stick Micro?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCNA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCNA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCNA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCNA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
34
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Minimum mounting area for compact devices.
Minimized mounting area prevents negation of size
advantage of the card.
Features
For mobile phones, personal digital assistants, digital still
cameras, compact audio equipment
Applications
Memory Stick Micro™
Standard mount
Surface mounting type
Push-push type
250V AC 1minute
Applicable media
Structure
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
−25℃ to +60℃
1,000M
Ω min.
40m
Ω max.
12,000cycles
Operating
temperature range
Performance
Contact resistance
(Initial)
Insertion and
removal cycle
Voltage proof
Insulation resistance
(Initial)
Typical Specifications
Standard mount
Media ejection structure
Push-push type
Mounting system
Stand-off
(mm)
0
Product No.
SCNA1A0300
Packing system
Taping
Product Line
Connector for Memory Stick Micro™
SCNA Series


Similar Part No. - SCNA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SCNA05 SEMTECH-SCNA05 Datasheet
69Kb / 2P
STANDARD RECOVERY DOUBLER AND CENTER TAPS
SCNA05F SEMTECH-SCNA05F Datasheet
66Kb / 2P
FAST RECOVERY DOUBLER AND CENTER TAPS
SCNA05FF SEMTECH-SCNA05FF Datasheet
66Kb / 2P
SUPERFAST RECOVERY DOUBLER AND CENTER TAPS
SCNA1 SEMTECH-SCNA1 Datasheet
69Kb / 2P
STANDARD RECOVERY DOUBLER AND CENTER TAPS
SCNA10FF SEMTECH-SCNA10FF Datasheet
66Kb / 2P
SUPERFAST RECOVERY DOUBLER AND CENTER TAPS
More results

Similar Description - SCNA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CB1G-10S-1.5H-PEJC2 HIROSE-CB1G-10S-1.5H-PEJC2 Datasheet
815Kb / 10P
Memory Stick Connectors
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
Memory Stick & Memory Stick Duo
logo
Mitsumi Electronics, Co...
CIM-G24 MITSUMI-CIM-G24 Datasheet
86Kb / 2P
Memory Stick??Duo Connectors
CIM-E31 MITSUMI-CIM-E31 Datasheet
169Kb / 2P
Memory Stick??Connectors
logo
Texas Instruments
SN65LVDT14 TI-SN65LVDT14_07 Datasheet
367Kb / 16P
MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
logo
Adam Technologies, Inc.
MS-10-A-SG ADAM-TECH-MS-10-A-SG Datasheet
124Kb / 1P
MEMORY STICK & SMART MEDIA SOCKETS
logo
ALPS ELECTRIC CO.,LTD.
SCDB ALPS-SCDB Datasheet
136Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
SCDE ALPS-SCDE Datasheet
167Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
Memory Stick Duo / Memory Stick (2-in-1)
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
USB memory stick - USB FLASH DRIVE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com