Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDKT Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKT
Description  Slide Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKT Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDKT Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKT Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rotary
Type
231
Push
Type
Rocker
Type
Slide
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Ratings and Safety Standards
Ratings
Items
Specifications
6A 125V AC
Circuit arrangement
Operating force
SPDT
Travel
(mm)
2.2
0.98 to 3.92N
Mounting
method
PC board
Minimum order
unit
(pcs.)
100
Product No.
SDKTA20100
Product Line
Slide Type
SDKT Series
A side
B side
COM- 1
COM- 2
A 2.2mm-travel slide type with soft and light switch feel.
COM
12
Circuit Diagram
Circuit Arrangement
Dimensions
Unit:mm
Style
PC board mounting
hole dimensions
Power Switch
4.4
4.4
3-1
PC board mounting face
Terminal No.2
Terminal No.1
Travel
2.2
6.2
3.7
0.8
4.4
4.4
13
Seal
1.9
COM
AB
Please place purchase orders per minimum order unit(integer).
Note


Similar Part No. - SDKT

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKTH-1000 WINCHESTER-SDKTH-1000 Datasheet
36Kb / 1P
HAND CRIMP TOOL
More results

Similar Description - SDKT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF2J ETC-XF2J Datasheet
596Kb / 1P
0.5mm-pitch ZIF-Slide Type
CHS-06TA1 ETC1-CHS-06TA1 Datasheet
432Kb / 15P
SURFACE MOUNT TYPE SLIDE SWITCHES
logo
DB Lectro Inc
RS-01 DBLECTRO-RS-01 Datasheet
291Kb / 2P
SLIDE TYPE DIP SWITCH
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6T OMRON-A6T Datasheet
520Kb / 4P
DIP Switch (Slide Type)
logo
CONEC Elektronische Bau...
160X10159X CONEC-160X10159X Datasheet
49Kb / 1P
SLIDE-LOCK TYPE 3
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
logo
SHINMEI ELECTRIC CO., L...
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
SLM-13-744B-T45 SHINMEI-SLM-13-744B-T45 Datasheet
102Kb / 3P
2mm Travel Thin Type Slide Switch
SLM-13-750 SHINMEI-SLM-13-750 Datasheet
79Kb / 4P
2mm Travel Thin Type Slide Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com