Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKHL Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHL
Description  6횞3.5mm Compact (Snap-in Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHL Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKHL Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHL Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHL Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHL Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TACT Switch
TM
254
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
6
3
6.5
1.5
Stem
1
1
2
Dimensions
Unit:mm
Horizontal type
PC board mounting hole dimensions
(Viewed from switch mounting face)
6.5
2-ø1.25 holes
7
5
2-ø1 holes
2-ø1.3 holes
h
4.3
5
1
No.
Style
2
12
7.3
3
0.5
0.5
5
7
Stem
3.72
0.3
2.5
1
1
2
Photo
R
2.5
3.5
PC board
t 1.0
t 1.6
Circuit Diagram
Vertical type
6
×3.5mm Compact (Snap-in Type) SKHL Series
TACT Switch
TM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com