Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKHL Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHL
Description  6횞3.5mm Compact (Snap-in Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHL Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKHL Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHL Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHL Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHL Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
253
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Refer to P.306 for soldering conditions.
0.98N
1.57N
2.55N
0.25
50mA
12V DC
50,000
cycles
30,000
cycles
500m
Ω
max.
Black
Dark
gray
Red
SKHLAAA010
SKHLACA010
SKHLAJA010
SKHLABA010
SKHLADA010
SKHLAKA010
0.98N
1.57N
2.55N
50,000
cycles
30,000
cycles
Black
Dark
gray
Red
h=4.3mm
h=5mm
0.98N
1.57N
2.55N
0.25
1
2
50mA
12V DC
50,000
cycles
30,000
cycles
500m
Ω
max.
Black
Dark
gray
Red
SKHLLAA010
SKHLLBA010
SKHLLFA010
SKHLLCA010
SKHLLDA010
0.98N
1.57N
Vertical
Horizontal
50,000
cycles
Black
Dark
gray
=3.5mm
(PC board t : 1.6)
R
=2.5mm
(PC board t : 1.0)
R
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 12V DC)
Initial contact
resistance
Stem
color
Stem
height
Product No.
1,000
1,000
Minimum order
unit
(pcs.)
Drawing
No.
Operating
direction
Horizontal Type
Product Line
Vertical Type
Operating
force
Travel
(mm)
Rating
(max.)
10
BA
1V DC
10
BA
1V DC
Rating
(min.)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem
color
Terminal
length
Product No.
Minimum order
unit
(pcs.)
Drawing
No.
Operating
direction
6
×3.5mm Compact (Snap-in Type)
SKHL Series
A vertical and horizontal type switch contributing to high density mounting.
TACT Switch
TM


Similar Part No. - SKHL

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHLAAA010 ALPS-SKHLAAA010 Datasheet
910Kb / 5P
Switch contributing to high-density mounting, available with top or side push operation
SKHLABA010 ALPS-SKHLABA010 Datasheet
910Kb / 5P
Switch contributing to high-density mounting, available with top or side push operation
SKHLACA010 ALPS-SKHLACA010 Datasheet
910Kb / 5P
Switch contributing to high-density mounting, available with top or side push operation
SKHLADA010 ALPS-SKHLADA010 Datasheet
910Kb / 5P
Switch contributing to high-density mounting, available with top or side push operation
SKHLAJA010 ALPS-SKHLAJA010 Datasheet
910Kb / 5P
Switch contributing to high-density mounting, available with top or side push operation
More results

Similar Description - SKHL

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ Datasheet
411Kb / 6P
Compact, High-Capacitance Snap-in
logo
ALPS ELECTRIC CO.,LTD.
SKHR ALPS-SKHR Datasheet
191Kb / 3P
4.5mm Square Compact (Snap-in Type)
SKQM ALPS-SKQM Datasheet
176Kb / 3P
6횞3.5mm Compact (Surface Mount Type)
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
Snap-in Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com