Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLLB Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SLLB
Description  Lever and Push Operation Type Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SLLB Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SLLB Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SLLB Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SLLB Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SLLB Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Variable
Resistor Type
Switch
Type
492
Multi Control
Devices
F
(s)
Example of Reflow Soldering Condition
1. Heating method:
Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T)at solder joints copper foil surface). A heat resistive tape
should be used to fix thermocouple.
3. Temperature profile
300
200
100
A max.
B
E
D
Time (s)
C
Room
temperature
Pre-heating
F max.
Series
(Reflow type)
240
230
150
120
SLLB, SLLB5
20
150
260
SKRV/SKRH/SKQUBA,DB/SSAF/SRBE
40
180
260
40
RKJXS
A
(℃)
3s max.
B
(℃)
C
(s)
D
(℃)
E
(℃)
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC
board's temperature greatly differs from that of the switch, depending on the material, size thickness of PC boards
and others. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
Notes
Soldering Conditions
Switch Type Multi Control Devices



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com