Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLLB Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SLLB
Description  Lever and Push Operation Type Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SLLB Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SLLB Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SLLB Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SLLB Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SLLB Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Variable
Resistor Type
Switch
Type
488
Multi Control
Devices
Items
Typical Specifications
Rating
(max.)/
(min.)
(Resistive load)
10mA 5V DC/50
BA 3V DC
0.65
±0.3N
100,000cycles
100,000cycles
(10mA 5V DC)
Operating
force
1V max. at 1mA 5V DC
(Resistive load)
Output voltage
Operating life
Without load
With load
Lever portion
Push portion
Specifications
Travel
(Push operation)
2
±1N
Refer to the dimensions.
Standard type
Mounting knob
Product Line
Actuator
configuration
Push-on
switch
Actuator color
Standard type
Mounting knob
integrated
Bar type knob
Without
Black
Gray
Black only
Black only
With
1
2
SLLB120200
SLLB120100
SLLB220900
SLLB120300
Product No.
Drawing
No.
With
Location lug
5,400
Minimum order
unit
(pcs.)
Lever and Push Operation Type Switch
SLLB Series
Compact and low-profile horizontal type for various applications.
Multi Control Devices
Taping Specification (Taping Packaging)
Reel Size
¿380
25.4
Unit:mm
1,350
2,700
5,400
24
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/
Japan
1 case
/export
packing
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please contact us for automotive use products.
3. Please place purchase orders per minimum order unit (integer).
Notes


Similar Part No. - SLLB

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB120100 ALPS-SLLB120100 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
logo
List of Unclassifed Man...
SLLB120100 ETC-SLLB120100 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
SLLB120200 ALPS-SLLB120200 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
logo
List of Unclassifed Man...
SLLB120200 ETC-SLLB120200 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
SLLB120300 ALPS-SLLB120300 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
More results

Similar Description - SLLB

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB5 ALPS-SLLB5 Datasheet
204Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE Datasheet
245Kb / 4P
Encoder and Push Operation Type Switch
SSAF ALPS-SSAF Datasheet
259Kb / 4P
Slide Operation Type Stick Switch with 8-contact and Center-push Function
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
ALPS ELECTRIC CO.,LTD.
SLLB ALPS-SLLB_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE_15 Datasheet
828Kb / 4P
Encoder and Push Operation Type Switch
logo
SHINMEI ELECTRIC CO., L...
MLS-29AU SHINMEI-MLS-29AU Datasheet
174Kb / 5P
Detector Switch ( Lever Type )
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com