Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEF Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPEF
Description  Surface Mount Type Push Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPEF Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPEF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPEF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPEF Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPEF Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
83
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Push Switches
10,000cycles
100m
Ω max.
Operating life
without load
10,000cycles
40m
Ω max.
10,000cycles
50m
Ω max.
30,000cycles 100m
Ω max.
Operating life without
load Load:as rating
List of Varieties
101
99
SPEC
SPPH1
SPPH4
14
13.5
16.8
26.7
20.7
18
18.2
―
4.5
1
3.8
1.5
2.7
9.4
9
6.9
12.5
2.5
3.4
12
10
10
1.5
2.5
2
8.5
6.5
8.5
−10˚C
to
+60˚C
102
103
105
SPED2
SPED3
SPED4
SPED5
SPEF
2.2
3
1.
※3. Applicable to SPED220200(PC board type)only.
2.
※4. Applicable to SPEF110100 only.
Notes
● Push Switches Attached Parts ………………………………………………………………………………………………107
● Push Switches Products Caution ……………………………………………………………………………………………109
260
℃ max.
5s max.
260
±5℃
10
±1s
350
±10℃
3
±0.5s ※3
―
350
±10℃
3
±0.5s
―
260
±5℃
10
±1s ※3
―
260
±5℃
10
±1s
350
±5℃
3s max.
260
±5℃10±1s ※4
―
350
±10℃
3
+1s
0
260
±5℃
5
±1s
98
Please see P.108
100M
Ω min. 500V DC
3N for
1minute
500V AC for 1minute
50N
–20
±2℃ for 96h
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
―
50N
10N
30N
5N for 1minute
20m
Ω
max.
30m
Ω
max.
100m
Ω
max.
−40˚C to +85˚C
3M
Ω min. 500V DC
3M
Ω min. 100V DC
100V AC for 1minute
90N
30N
–40
±2℃ for 96h
100m
Ω max.
Series
Photo
Travel
(mm)
Total travel
(mm)
Number of
poles
Dimensions
(mm)
Page
W
D
H
Dip
soldering
Reflow
soldering
Manual
soldering
Operating
temperature range
Initial contact
resistance
Insulation
resistance
Voltage
proof
Terminal
strength
Operating
direction
Pulling
direction
Cold
Dry heat
Damp heat
Actuator
strength
1A 14.5V DC
0.1A 30V DC
50
BA 3V DC
Rating
(max.)
(Resistive load)
Rating
(min.)
(Resistive load)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com