Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEF Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPEF
Description  Surface Mount Type Push Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPEF Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPEF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPEF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPEF Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPEF Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
105
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Surface mountable lead-free soldering push switch.
Surface Mount Type Push Switch
SPEF Series
Push Switch
1A 14.5V DC
3N,5N
100
mΩ max.
Rating (max) (Resistive load)
Items
Specifications
Initial contact resistance
Operating force
30,000cycles
Operating life
(Without load)
1-pole,2-positions
Poles-Positions
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
ø380
33.5
Unit:mm
165
660
1,320
32
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Please place purchase orders per minimum order unit (integer).
Note
Non shorting
Latching
SPEF210101
SPEF110100
SPEF210200
SPEF110200
3N
5N
Operating
force
1.5
Travel
(mm)
Changeover
timing
Reflow
Dip
Reflow
Dip
Terminal
type
Operating
Product No.
Product Line
PC board
Mounting
method
Total travel
(mm)
2.7
1
2
1
2
Drawing
No.
1,320
2,100
1,320
2,100
Minimum order unit
(pcs.)


Similar Part No. - SPEF

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEF110100 ALPS-SPEF110100 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPEF110200 ALPS-SPEF110200 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPEF120100 ALPS-SPEF120100 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPEF120200 ALPS-SPEF120200 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPEF210101 ALPS-SPEF210101 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
More results

Similar Description - SPEF

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRH ALPS-SKRH Datasheet
177Kb / 3P
4-direction with Center-push Function (Surface mount type)
SKRH ALPS-SKRH_15 Datasheet
670Kb / 3P
4-direction with Center-push Function (Surface Mount Type)
SKSC ALPS-SKSC_15 Datasheet
737Kb / 4P
1.25mm Height Low-profile Side Push (Surface Mount Type)
SKSL ALPS-SKSL Datasheet
754Kb / 3P
Side Push Half-mount Type with 1.6mm Height (Surface Mount Type)
SKSN ALPS-SKSN_15 Datasheet
763Kb / 3P
Side Push Mid-mount Type with 1.35mm Height (Surface Mount Type)
SKTG ALPS-SKTG Datasheet
759Kb / 3P
1.55mm Height Side Push Mid-mount (Surface Mount Type)
logo
Kyocera Kinseki Corpota...
5236 KSS-5236 Datasheet
255Kb / 2P
Normal mount & push-push eject type
logo
Molex Electronics Ltd.
5025700893 MOLEX1-5025700893_19 Datasheet
30Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027020891 MOLEX1-5027020891_19 Datasheet
34Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027740891 MOLEX1-5027740891_19 Datasheet
31Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Reverse Mount Surface Mount, Push-Push Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com