Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1100WL Datasheet(PDF) 1 Page - ams AG

Part # AS1100WL
Description  Serially Interfaced, 8-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100WL Datasheet(HTML) 1 Page - ams AG

  AS1100WL Datasheet HTML 1Page - ams AG AS1100WL Datasheet HTML 2Page - ams AG AS1100WL Datasheet HTML 3Page - ams AG AS1100WL Datasheet HTML 4Page - ams AG AS1100WL Datasheet HTML 5Page - ams AG AS1100WL Datasheet HTML 6Page - ams AG AS1100WL Datasheet HTML 7Page - ams AG AS1100WL Datasheet HTML 8Page - ams AG AS1100WL Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AS1100
Serially Interfaced, 8-Digit LED Driver
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.33
1 - 17
1 General Description
The AS1100 is an LED driver for 7 segment numeric
displays of up to 8 digits. The AS1100 can be
programmed via a conventional 4 wire serial interface.
The device includes a BCD code-B decoder, a multiplex
scan circuitry, segment and display drivers, and a 64 Bit
memory. The memory is used to store the LED settings,
so that continuous reprogramming is not necessary.
Every individual segment can be addressed and
updated separately. Only one external resistor is
required to set the current through the LED display.
Brightness can be controlled either in an analog or
digital way. The user can choose the internal code-B
decoder to display numeric digits or to address each
segment directly.
The AS1100 features an extremely low shutdown
current of only 20µA and an operational current of less
than 500µA. The number of visible digits can be
programmed as well. The AS1100 can be reset by
software and an external clock can be used. Several test
modes support easy debugging.
The AS1100 is offered in a 24-pin DIP and SOIC
packages.
2 Key Features
!
10MHz Serial Interface
!
Individual LED Segment Control
!
Decode/No-Decode Digit Selection
!
20µA Low-Power Shutdown (Data Retained)
!
Extremely low Operating Current 0.5mA in open
loop
!
Digital and Analog Brightness Control
!
Display Blanked on Power-Up
!
Drive Common-Cathode LED Display
!
Software Reset
!
Optional External clock
!
24-pin DIP and SOIC Packages
3 Applications
The AS1100 is an ideal solution for Bar-Graph Displays,
Industrial Controllers, Panel Meters, LED Matrix
Displays and White Goods such as washing machines
and dishwasher.
Figure 1. Typical Application Diagram – Single Cell to 3.3V Synchronous Boost Converter
8 Digits
8 Segments
GND
GND
CLK
LOAD
DIN
ISET
VDD
DIFG0-DIG3
SEG A-G
SEP DP
MOSI
µP I/O
SCK
+5V
8-Digit µP Display
9.53k
19
18
1
12
1
9
4


Similar Part No. - AS1100WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100WL AMSCO-AS1100WL Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
AS1100WL AMSCO-AS1100WL Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
logo
ams-OSRAM AG
AS1100WL AMSOSRAM-AS1100WL Datasheet
1Mb / 18P
Ser ial ly Inter faced, 8-Digi t LED Dr iver
Revision 1.37
logo
ams AG
AS1100WL-T AMSCO-AS1100WL-T Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
AS1100WL-T AMSCO-AS1100WL-T Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
More results

Similar Description - AS1100WL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com