Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1100WL Datasheet(PDF) 2 Page - ams AG

Part # AS1100WL
Description  Serially Interfaced, 8-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100WL Datasheet(HTML) 2 Page - ams AG

  AS1100WL Datasheet HTML 1Page - ams AG AS1100WL Datasheet HTML 2Page - ams AG AS1100WL Datasheet HTML 3Page - ams AG AS1100WL Datasheet HTML 4Page - ams AG AS1100WL Datasheet HTML 5Page - ams AG AS1100WL Datasheet HTML 6Page - ams AG AS1100WL Datasheet HTML 7Page - ams AG AS1100WL Datasheet HTML 8Page - ams AG AS1100WL Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.austriamicrosystems.com
Revision 1.33
2 - 17
AS1100
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin
Name
Pin
Number
Description
DIN
1
Data input. Data is programmed into the 16Bit shift register on the rising
CLK edge
DIG 0 – DIG 7
2, 3, 5–8,
10, 11
8 digit driver lines that sink the current from the common cathode of the
display. In shutdown mode the AS1100 switches the outputs to VDD.
GND
4, 9
Both GND pins must be connected.
LOAD/CS
12
Strobe input. With the rising edge of the LOAD signal the 16 bit of serial
data is latched into the register.
CLK
13
Clock input. The interface is capable to support clock frequencies up to
10MHz. The serial data is clocked into the internal shift register with the
rising edge of the CLK signal. On the DOUT pin the data is applied with the
falling edge of CLK.
SEG A–G, DP
14–17,
20–23
Seven segment driver lines including the decimal point. When a
segment is turned off the output is connected to GND.
ISET
18
The current into ISET determines the peak current through the segments
and therefore the brightness.
VDD
19
Positive Supply Voltage (+5V)
DOUT
24
Serial data output for cascading drivers. The output is valid after 16.5
clock cycles. The output is never set to high impedance.
DIP/SO
11
12
13
14
15
16
17
18
19
20
21
22
23
DIG4
AS1100
10
1
2
3
4
5
6
7
8
9
24 DOUT
DIN
DIG0
GND
DIG6
DIG2
GND
DIG3
LOAD
SEG D
SEG DP
SEG E
SEG C
VDD
ISET
SEG G
SEG B
SEG F
SEG A
TOP
CLK
DIG7
DIG5
DIG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com