Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1100PE Datasheet(PDF) 11 Page - ams AG

Part # AS1100PE
Description  Serially Interfaced, 8-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100PE Datasheet(HTML) 11 Page - ams AG

Back Button AS1100PE Datasheet HTML 7Page - ams AG AS1100PE Datasheet HTML 8Page - ams AG AS1100PE Datasheet HTML 9Page - ams AG AS1100PE Datasheet HTML 10Page - ams AG AS1100PE Datasheet HTML 11Page - ams AG AS1100PE Datasheet HTML 12Page - ams AG AS1100PE Datasheet HTML 13Page - ams AG AS1100PE Datasheet HTML 14Page - ams AG AS1100PE Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com
Revision 1.33
11 - 17
AS1100
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Supply Bypassing and Wiring
In order to achieve optimal performance the AS1100 shall be placed very close to the LED display to minimize effects
of electromagnetic interference and wiring inductance. Furthermore, it is recommended to connect a 10µF electrolytic
and a 0.1µF ceramic capacitor between VDD and GND to avoid power supply ripple. Also, both GNDs must be
connected to ground.
Selecting RSET Resistor and Using External Drivers
The current through the segments is controlled via the external resistor RSET. Segment current is about 100 times the
current in ISET. The right values for ISET are given in Table 15. The maximum current the AS1100 can drive is 40mA.
If higher currents are needed, external drivers must be used. In that case it is no longer necessary that the AS1100
drives high currents. A recommended value for RSET is 47k
Ω. In cases that the AS1100 only drives few digits, Table 12
specifies the maximum currents and RSET must be set accordingly. Refer to absolute maximum ratings to calculate
acceptable limits for ambient temperature, segment current, and the LED forward-voltage drop.
8x8 LED Dot Matrix Driver
The example in Figure 7 uses the AS1100 to drive an 8x8 LED dot matrix. The LED columns have common cathode
and are connected to the DIG0-7 outputs. The rows are connected to the segment drivers. Each of the 64 LEDs can be
addressed separately. The columns are selected via the digits as shown in Table 5. The decode mode register (0xX9)
has to be programmed to ‘00000000’ as stated in Table 4. The single LEDs in a column can be addressed as stated in
Table 9, where D0 corresponds to segment G and d/ to segment DP. For a multiple digit dot matrix several AS1100
have to be cascaded.
Table 15. RSET vs segment current and LED forward voltage
ISEG (mA)
VLED(V)
1.5
2.0
2.5
3.0
3.5
40
12.2k
Ω
11.8k
Ω
11.0k
Ω
10.6k
Ω
9.69k
Ω
30
17.8k
Ω
17.1k
Ω
15.8k
Ω
15.0k
Ω
14.0k
Ω
20
29.8k
Ω
28.0k
Ω
25.9k
Ω
24.5k
Ω
22.6k
Ω
10
66.7k
Ω
63.7k
Ω
59.3k
Ω
55.4k
Ω
51.2k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com