Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1100PE Datasheet(PDF) 13 Page - ams AG

Part # AS1100PE
Description  Serially Interfaced, 8-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100PE Datasheet(HTML) 13 Page - ams AG

Back Button AS1100PE Datasheet HTML 9Page - ams AG AS1100PE Datasheet HTML 10Page - ams AG AS1100PE Datasheet HTML 11Page - ams AG AS1100PE Datasheet HTML 12Page - ams AG AS1100PE Datasheet HTML 13Page - ams AG AS1100PE Datasheet HTML 14Page - ams AG AS1100PE Datasheet HTML 15Page - ams AG AS1100PE Datasheet HTML 16Page - ams AG AS1100PE Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.austriamicrosystems.com
Revision 1.33
13 - 17
AS1100
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Computing Power Dissipation
The upper limit for power dissipation (PD) for the AS1100 is determined from the following equation:
PD = (VDD x 0.5mA) + (VDD - VLED)(DUTY x ISEG x N)
(EQ 1)
Where:
VDD = supply voltage
DUTY = duty cycle set by intensity register
N = number of segments driven (worst case is 8)
VLED = LED forward voltage
ISEG = segment current set by RSET
Dissipation Example:
ISEG = 40mA, N = 8, DUTY = 31/32, VLED = 1.8V at 40mA, VDD = 5.25V
PD = 5.25V(0.5mA) + (5.25V - 1.8V)(31/32 x 40mA x 8) = 1.07W
Thus, for a PDIP package
θJA = +75°C/W (from Table 13), the maximum allowed ambient temperature TA is given by:
TJ,MAX = TA + PD x θJA = 150°C = TA +1.07W x 75°C/W.
Where:
TA = +69.7°C.
The TA limit for SO Packages in the dissipation example above is +59.0°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com