Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPY5 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPY5
Description  50mA 48V DC Qualified Surface Mounting Type Telephone-hook
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPY5 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPPY5 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPY5 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPY5 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPY5 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power
78
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Travel position
Total travel position
27.2
6.8
8
1
1.4
PC board mounting face
Terminal No.
14.5
14.4
4
A
Style
PC board mounting hole and land
dimensions
(Viewed from direction A)
No.
Travel position
Total travel position
Terminal No.
PC board mounting face
11.3
17.3
6.8
8
1
A
14.4
14.5
4
Dimensions
Circuit Diagram(Viewed from Direction A)
6.8
8
2.3
Unit:mm
ON
OFF
ON
OFF
OFF
ON
OFF
ON
5.95 max.
2.35 min.
1
12
3
4
45
6
Timing lag diagram
1
Normal-operation
6.8
8
2.3
ON
OFF
ON
OFF
OFF
ON
OFF
ON
0.9 min.
7.7 max.
1
1
2
3
4
45
6
Timing lag diagram
2
Reverse-operation
12
3
45
6
Travel position
(X)
Travel position
(X)
50mA 48V DC Qualified Surface Mounting Type Telephone-hook
SPPY5 Series
Detector Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com