Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPY5 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPY5
Description  50mA 48V DC Qualified Surface Mounting Type Telephone-hook
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPY5 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPY5 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPY5 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPY5 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPY5 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power
77
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Poles
1
2
Normal-operation
Reverse-operation
SPPY520100
SPPY520200
2
Positions
Operation
3,300
Minimum
order unit
(pcs)
Product No.
Drawing No.
2
Product Line
A surface mount type detector switch with 7.15mm height contribute to thinner
set design.
Detector Switch
50mA 48V DC Qualified Surface Mounting Type Telephone-hook
SPPY5 Series
Operating
life
50mA 48V DC/0.1mA 3V DC
0.8N max.
100m
Ω max./1Ω max.
300,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
100,000cycles
Rating
(min.)
300,000cycles
Without load
Rating
(max.)
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
ø360
44.4
Unit:mm
550
1,650
3,300
44
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Please place purchase orders per minimum order unit
(integer).
Note


Similar Part No. - SPPY5

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPP WELWYN-SPP Datasheet
109Kb / 2P
General Purpose Wirewound Resistors
logo
TT Electronics.
SPP TTELEC-SPP Datasheet
409Kb / 3P
Lower ranges available - contact factory
SPP TTELEC-SPP Datasheet
510Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
logo
KITAGAWA GmbH
SPP KGS-SPP Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
logo
Frequency Devices, Inc.
SPP-01 FREQUENCYDEVICES-SPP-01 Datasheet
731Kb / 4P
Dual Channel, Differential Input Signal Processing Platform
More results

Similar Description - SPPY5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG711 TI-REG711 Datasheet
181Kb / 10P
50mA SWITCHED-CAP DC/DC CONVERTER
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
50mA SWITCHED-CAP DC/DC CONVERTER
logo
Omron Electronics LLC
EE-SX1320 OMRON-EE-SX1320 Datasheet
1Mb / 6P
PCB surface mounting type.
logo
SHINMEI ELECTRIC CO., L...
HSW-1 SHINMEI-HSW-1 Datasheet
121Kb / 4P
Telephone-hook Switches
HSW-3 SHINMEI-HSW-3 Datasheet
131Kb / 3P
Telephone-hook Switches
logo
SHIKUES Electronics
1SS400G SKTECHNOLGY-1SS400G Datasheet
545Kb / 1P
Small surface mounting type
RB706F-40 SKTECHNOLGY-RB706F-40 Datasheet
693Kb / 3P
Small surface mounting type
logo
Shanghai Leiditech Elec...
LM631ZS LEIDITECH-LM631ZS Datasheet
392Kb / 3P
Small surface mounting type
RB520S-30 LEIDITECH-RB520S-30 Datasheet
724Kb / 3P
Small surface mounting type
logo
CONEC Elektronische Bau...
16-001880 CONEC-16-001880 Datasheet
353Kb / 1P
FRONT SHELL MOUNTING HOOK 50pos.
19.08.13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com