Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVL Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVL
Description  Low-profile Tri-directional Operation Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVL Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPVL Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVL Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVL Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power
79
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Detector Switches
Soldering Conditions
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T)at soldering portion(copper foil surface).A heat resisting tape
should be used for fixed measurement.
3. Temperature profile
300
200
100
A max.
B
E
D
Time (s)
C
Pre-heating
F max.
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where
the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size,
thickness, etc. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
Notes
Series
(Reflow type)
SPPB
260
230
200
230
40
20
40
180
150
120
SPVN
SPPW8
SPVP
SPVE
SPVG
SPVL
250
SPVM
SPVS
SSCM
SPPY5
240
20
150
Room
temperature
180
SPVR
A
(℃)
3s max.
B
(℃)
C
(s)
D
(℃)
E
(℃)
F
(s)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com