Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVL Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVL
Description  Low-profile Tri-directional Operation Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVL Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVL Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVL Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVL Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Minimum
order unit
(pcs)
Power
60
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Poles
1
1
Positions
With
Without
Location lug
For PC board
(Reflow)
Terminal type
SPVL110100
SPVL120100
Product No.
Product Line
Low-profile Tri-directional Operation Type
SPVL Series
Flexible and thin 1mm height detector switch with a large operational range of
180 degrees.
Detector Switch
Unit:mm
Dimensions
A
0.55
2-(R1.66)
Terminal No.1
R0.3
5.55
Total travel
ON position, operating force
measurement position
0.35
0.6
0.55
1
6.21
3
2.7
2.8
3.9
(C0.4)
1.9
2-ø1.1
holes
Style
PC board mounting hole
and land dimensions
(Viewed from direction A)
3
4
2
1
Terminal Layout
(Viewed from
Direction A)
2
1
3
4
(Common)
(Dummy)
Circuit Diagram
1. Above dimensions indicate "with Location lug" version.
2. Please place purchase orders per minimum order unit
(integer).
Notes
ON starting position
0.86
0.86
Control direction
Control direction
Control direction
In case of straight operation
Operating life
1mA 5V DC/50
BA 3V DC
0.35N max.
2
Ωmax./5Ωmax.
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial/After operating life)
Operating force
50,000cycles
(1mA 5V DC)
Without load
With load
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
¿380
17.4
Unit:mm
5,000
10,000
20,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
20,000


Similar Part No. - SPVL

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVL110100 ALPS-SPVL110100 Datasheet
950Kb / 3P
Low-profile Tri-directional Operation Type
SPVL120100 ALPS-SPVL120100 Datasheet
950Kb / 3P
Low-profile Tri-directional Operation Type
SPVL ALPS-SPVL_15 Datasheet
950Kb / 3P
Low-profile Tri-directional Operation Type
More results

Similar Description - SPVL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ717W80RA PANASONIC-LNJ717W80RA Datasheet
37Kb / 1P
TSS Tri-Color Type
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
Low-profile with High Operation Force (Snap-in Type)
SPVN ALPS-SPVN Datasheet
236Kb / 4P
Low-profile Two-way Operation Type
SPVP ALPS-SPVP Datasheet
187Kb / 3P
Low-profile One-way Operation Type
logo
Anaren Microwave
DC0710J5020AHF ANAREN-DC0710J5020AHF Datasheet
240Kb / 8P
Ultra Low Profile 0805 20dB Directional Coupler
DC1722J5010AHF ANAREN-DC1722J5010AHF Datasheet
247Kb / 8P
Ultra Low Profile 0805 10dB Directional Coupler
DC2337J5020AHF ANAREN-DC2337J5020AHF Datasheet
249Kb / 8P
Ultra Low Profile 0805 20dB Directional Coupler
DC4759J5020AHF ANAREN-DC4759J5020AHF Datasheet
249Kb / 8P
Ultra Low Profile 0805 20dB Directional Coupler
logo
ALPS ELECTRIC CO.,LTD.
SPVL ALPS-SPVL_15 Datasheet
950Kb / 3P
Low-profile Tri-directional Operation Type
SPVN ALPS-SPVN_15 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com