Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM3210E-PRIMER Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM3210E-PRIMER
Description  Raisonance STM32 Primers for fun, easy evaluation and development with STM32
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM3210E-PRIMER Datasheet(HTML) 1 Page - STMicroelectronics

  STM3210E-PRIMER Datasheet HTML 1Page - STMicroelectronics STM3210E-PRIMER Datasheet HTML 2Page - STMicroelectronics STM3210E-PRIMER Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2008
Rev 2
1/3
3
STM32-PRIMER STM3210B-PRIMER
Raisonance STM32 Primers
for fun, easy evaluation and development with STM32
Features
■
STM32 Primer2 with STM32F103E (512
Kbytes Flash) and STM32 Primer with
STM32F103B (128 Kbytes Flash):
– In-circuit debugging/programming via
dedicated USB connection to the host PC
– Ergonomic design, MEMs-based controls
tactile display, Joystick
– Evaluation features including USB
connector and MEMs sensor.
■
In addition, Primer2 includes:
– 128x160 pixel touch screen TFT display
– Codec-based audio record and playback
– Micro SD card
– IrDA transceiver
– 20-pin connector with SPI, I2C, USART,
CAN and analog/digital IOs
– Li-Ion battery with smart loading control for
improved current management and
extended battery life.
■
In addition, Primer includes:
– 128x128 pixel color LCD
– buzzer and IrDA transceiver footprint.
■
Ride7 development software toolset with
project manager, editor and high-level
language debugging (up to 32 Kbytes of code).
■
GNU C/C++ compiler, no code size limitations.
■
CircleOS task scheduler for dynamic loading
and management of new applications.
■
C source code for all sample applications and
libraries including:
– MEMs (GUI application controls)
– TFT display (touch screen, graphical
interface, games, bitmap converter)
– Audio record and playback (Primer2)
– And more to come.
■
Dedicated online community and resources at
the stm32circle web site.
Description
The STM32 Primers from Raisonance are a
uniquely fun, easy, low-risk solution for exploring
and developing applications for the STM32 ARM
Cortex™-M3 core-based microcontrollers. When
running the applications, the Primers can operate
in standalone mode powered by a battery (with
power management circuit on the Primer2), which
is recharged via the USB connection with a host
PC.
The Primers include everything that users need to
better understand the STM32’s peripheral
implementation and operation.
Start exploring the power of the STM32 by playing
with the included applications. The STM32 drives
the fun, ergonomic hardware platform that
combines a TFT graphical display with MEMs-
based controls, (plus tactile screen and joystick
with the Primer2) for navigating and controlling
the GUI and game applications.
Table 1.
Order codes
Part number
Order code
STM32-PRIMER
STM3210B-PRIMER
STM3210E-PRIMER
STM3210B-PRIMER
Obsolete
Primer 2
Primer
with STM32F103E
with STM32F103B
www.st.com


Similar Part No. - STM3210E-PRIMER

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3210E-EVAL STMICROELECTRONICS-STM3210E-EVAL Datasheet
203Kb / 3P
STM3210E-EVAL evaluation board
23-Sep-2011
STM3210E-EVAL STMICROELECTRONICS-STM3210E-EVAL Datasheet
3Mb / 26P
STM32 development boards
STM3210E-SK STMICROELECTRONICS-STM3210E-SK Datasheet
221Kb / 4P
Keil??starter kit for STM32F1 series Performance and Access Line microcontrollers (STM32F103ZE MCU)
11-May-2012
STM3210E-SK/IAR STMICROELECTRONICS-STM3210E-SK/IAR Datasheet
86Kb / 5P
IAR??starter kits for ST ARM core-based microcontrollers
18-Jun-2009
More results

Similar Description - STM3210E-PRIMER

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR9-DK STMICROELECTRONICS-STR9-DK Datasheet
141Kb / 4P
Raisonance?셲 unlimited development tool bundles for STM32, STR7 and STR9
23-Oct-2008
STM32-COMSTICK STMICROELECTRONICS-STM32-COMSTICK Datasheet
131Kb / 3P
Hitex complete, low-cost kit for evaluation and development of STM32 and STR91xF in networked embedded applications
13-Aug-2009
STM3210B-PFSTICK STMICROELECTRONICS-STM3210B-PFSTICK Datasheet
65Kb / 3P
Hitex STM32-PerformanceStick complete tool package for STM32 evaluation and development
08-Oct-2007
logo
List of Unclassifed Man...
STM32-E407 ETC2-STM32-E407 Datasheet
9Mb / 30P
STM32-E407 development board USER?셎 MANUAL
logo
STMicroelectronics
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
STM32-JAVA STMICROELECTRONICS-STM32-JAVA Datasheet
84Kb / 3P
Fully-integrated Java development environment and solution for STM32 MCUs
July 2014 Rev 4
STM3240G-JAVA STMICROELECTRONICS-STM3240G-JAVA Datasheet
190Kb / 3P
STM32 F4 series Java evaluation kit
January 2013 Rev 2
STM32072B-EVAL STMICROELECTRONICS-STM32072B-EVAL Datasheet
293Kb / 3P
Evaluation board for STM32 F0 series with STM32F072VB MCU
January 2014 Rev 1
B-LCDAD-HDMI1 STMICROELECTRONICS-B-LCDAD-HDMI1 Datasheet
353Kb / 3P
DSI to HDMI adapter board for STM32 Development Tools
June 2016 Rev 1
STM32 STMICROELECTRONICS-STM32 Datasheet
3Mb / 26P
STM32 development boards
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com