Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5587ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5587ACPZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5587ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADP5587
Rev. 0 | Page 11 of 24
GENERAL-PURPOSE INPUTS AND OUTPUTS
The ADP5587 supports up to 18 programmable GPIOs that can
be configured to address a variety of uses. Figure 9 shows the
makeup of a typical GPIO block where GPIOx represents any of
the 18 I/O lines.
DEBOUNCE
GPIOx
Dx_DIR
Dx_OUT
Dx_IN
Dx_IN_DBNC
Dx_PULL
VCC
VCC
NOTES:
1. Dx_IN STANDS FOR ANY OF THE 18 GPIOs CONFIGURED AS GPIs.
2. Dx_OUT STANDS FOR ANY OF THE 18 GPIOs CONFIGURED AS GPOs.
3. Dx_IN_DBNC STANDS FOR GPI DEBOUNCE.
4. Dx_DIR STANDS FOR GPIO DIRECTION.
5. Dx_PULL STANDS FOR GPIO PULL-UP.
Figure 9. Typical GPIO Block
General-Purpose Inputs (GPI)
The ADP5587 allows the user to configure all or some of its
GPIOs as GPIs (general-purpose inputs). After the GPIOs are
configured as GPIs, the user can choose to also turn on pull-up
resistors and interrupt generation capability, thus reducing the
amount of software monitoring and processor interaction and
saving power.
The programmed level of the GPI interrupt determines the
active level of the GPI pin. For example, if a GPI interrupt level
is programmed as high, a high on that pin is considered active
and meets the interrupt requirement. If the interrupt is pro-
grammed as low, a low on that pin is considered active and
meets the interrupt requirement.
GPI data status and interrupt status are reflected in the GPIO
interrupt status and data status registers (Register 0x11 through
Register 0x16). Caution is necessary during software imple-
mentation because an interrupt may be set immediately after
the registers are set. To prevent this, the correct logic levels
must be present at the GPIs, and the GPIO interrupt level must
be set before GPIO interrupt enable or GPI event FIFO enable
registers are set. Figure 10 shows the interrupt generation
scheme, where Dx represents any one of the 18 GPIOs.
Dx_IN
Dx_IN_IEN
REG. 0x23
THROUGH 0x25
Dx_IN_ISTAT
REG. 0x11
THROUGH 0x13
READ TWICE
TO CLEAR
GPI_INT
REG. 0x02
WRITE 1
TO CLEAR
REG. 0x01
INT
DRIVE
INTERRUPT
CONDITION
DECODE
Dx_ILVL
REG. 0x26
THROUGH 0x28
AND
NOTES:
1. Dx_IN STANDS FOR ANY OF THE 18 GPIOs CONFIGURED AS GPIs.
2. Dx_ILVL STANDS FOR GPIO INTERRUPT LEVEL.
3. Dx_IN_IEN STANDS FOR GPI INTERRUPT ENABLE.
4. Dx_IN_STAT STANDS FOR GPI INTERRUPT STATUS.
5. GPI_INT STANDS FOR GPI INTERRUPT.
Figure 10. GPIO Interrupt Generation
GPI Events
A column or row configured as a GPI can be programmed to be
part of the key event table and is, therefore, also capable of
generating a key event interrupt. A key event interrupt caused
by a GPI follows the same process flow as a key event interrupt
caused by a key press or key release. GPIs configured as part of
the key event table allow single key switches and other GPI
interrupts to be monitored. As part of the event table, GPIs are
represented by a decimal value of 97 (0x61 hexadecimal or
1100001 binary) through a decimal value of 114 (0x72
hexadecimal or 1110010 binary). See Table 12 and Table 13 for
GPI event number assignments for rows and columns,
respectively.
Table 12. GPI Event Number Assignments for Rows
R0
R1
R2
R3
R4
R5
R6
R7
97
98
99
100
101
102
103
104
Table 13. GPI Event Number Assignments for Columns
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
105
106
107
108
109
110
111
112
113
114
For a GPI that is set as active high and is enabled in the key
event table, the state machine adds an event to the event count
and event tables whenever that GPI goes high. If the GPI is set
to active low, a transition from high to low is considered a press
and is also added to the event count and event table. After the
interrupt state is met, the state machine internally sets an
interrupt for the opposite state programmed in the register to
prevent polling for the released state, thereby saving current.
After the released state is achieved, it is added to the event table.
The press and release are still indicated by Bit 7 in the event
register (Register 0x04 through Register 0x0D). The GPI events
can also be used as unlocked sequences.
When the GPI_EM_REGx bit in Register 0x20 through Register
0x22 is set, GPI events are not tracked when the keypad is locked.
The GPIEM_CFG bit (Register 0x01, Bit 6) must be cleared for
the GPI events to be tracked in the event counter and event
table when the keypad is locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com