Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5587ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5587ACPZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5587ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP5587
Rev. 0 | Page 14 of 24
REGISTERS
The general behavior of registers is as follows:
All registers are 0 on reset.
All registers are read/write unless otherwise specified.
Unused bits are read as 0.
Interrupt bits are cleared by writing 1 to the flag; writing 0
or reading the flag has no effect, with the exception of the
key press, key release, and GPIO interrupt status registers,
which are cleared on a read.
Table 15.
Address
Register Name
Description
0x00
DEV_ID
Device ID
0x01
CFG
Configuration Register 1
0x02
INT_STAT
Interrupt status register
0x03
KEY_LCK_EC_STAT
Keylock and event counter register
0x04
KEY_EVENTA
Key Event Register A
0x05
KEY_EVENTB
Key Event Register B
0x06
KEY_EVENTC
Key Event Register C
0x07
KEY_EVENTD
Key Event Register D
0x08
KEY_EVENTE
Key Event Register E
0x09
KEY_EVENTF
Key Event Register F
0x0A
KEY_EVENTG
Key Event Register G
0x0B
KEY_EVENTH
Key Event Register H
0x0C
KEY_EVENTI
Key Event Register I
0x0D
KEY_EVENTJ
Key Event Register J
0x0E
KP_LCK_TMR
Keypad Unlock 1 timer to Keypad Unlock 2 timer
0x0F
UNLOCK1
Unlock Key 1
0x10
UNLOCK2
Unlock Key 2
0x11
GPIO_INT_STAT1
GPIO interrupt status
0x12
GPIO_INT_STAT2
GPIO interrupt status
0x13
GPIO_INT_STAT3
GPIO interrupt status
0x14
GPIO_DAT_STAT1
GPIO data status, read twice to clear
0x15
GPIO_DAT_STAT2
GPIO data status, read twice to clear
0x16
GPIO_DAT_STAT3
GPIO data status, read twice to clear
0x17
GPIO_DAT_OUT1
GPIO data out
0x18
GPIO_DAT_OUT2
GPIO data out
0x19
GPIO_DAT_OUT3
GPIO data out
0x1A
GPIO_INT_EN1
GPIO interrupt enable
0x1B
GPIO_INT_EN2
GPIO interrupt enable
0x1C
GPIO_INT_EN3
GPIO interrupt enable
0x1D
KP_GPIO1
Keypad or GPIO selection
0x1E
KP_GPIO2
Keypad or GPIO selection
0x1F
KP_GPIO3
Keypad or GPIO selection
0x20
GPI_EM_REG1
GPI Event Mode 1
0x21
GPI_EM_REG2
GPI Event Mode 2
0x22
GPI_EM_REG3
GPI Event Mode 3
0x23
GPIO_DIR1
GPIO data direction
0x24
GPIO_DIR2
GPIO data direction
0x25
GPIO_DIR3
GPIO data direction
0x26
GPIO_INT_LVL1
GPIO level detect
0x27
GPIO_INT_LVL2
GPIO level detect
0x28
GPIO_INT_LVL3
GPIO level detect
0x29
DEBOUNCE_DIS1
Debounce disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com