Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1108 Datasheet(PDF) 15 Page - ams AG

Part # AS1108
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108 Datasheet(HTML) 15 Page - ams AG

Back Button AS1108 Datasheet HTML 11Page - ams AG AS1108 Datasheet HTML 12Page - ams AG AS1108 Datasheet HTML 13Page - ams AG AS1108 Datasheet HTML 14Page - ams AG AS1108 Datasheet HTML 15Page - ams AG AS1108 Datasheet HTML 16Page - ams AG AS1108 Datasheet HTML 17Page - ams AG AS1108 Datasheet HTML 18Page - ams AG AS1108 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.austriamicrosystems.com
Revision 2.11
15 - 19
AS1108
Data Sheet - Ty p i c a l A p p l i c a t i o n
4x8 LED Dot Matrix Driver
The application example in Figure 12 shows the AS1108 as a 4x8 LED dot matrix driver.
The LED columns have common cathodes and are connected to the DIG0:3 outputs. The rows are connected to the
segment drivers. Each of the 32 LEDs can be addressed separately. The columns are selected via the digits as listed
in Table 7 on page 8.
The Decode Enable Register (see page 9) must be set to ‘00000000’ as described in Table 9 on page 9. Single LEDs
in a column can be addressed as described in Table 12 on page 10, where bit D0 corresponds to segment G and bit
D7 corresponds to segment DP.
Note: For a multiple-digit dot matrix, multiple AS1108 devices must be cascaded.
Figure 12. Application Example as LED Dot Matrix Driver
Cascading Drivers
If more than 4 digits or 32 LEDs are needed, it is recommended to use the AS1106/AS1107, although several AS1108
devices can be cascaded.
The example in Figure 4 drives 2 dot matrix digits using a 4-wire microprocessor interface. All Scan-Limit Registers
should be set to the same value so that one display will not appear brighter than the other.
For example, to display 6 digits, set both Scan-Limit Registers to display 3 digits so that both displays have a 1/3 duty
cycle per digit. If 5 digits are needed, set both Scan-Limit Registers to display 3 digits and leave one digit unconnected.
Otherwise, if one driver is set to display 3 digits and the other to display 2 digits one display will appear brighter
because its duty cycle per digit will be 1/2 and the other display’s duty cycle will be 1/3.
Note: Refer to No-Op Register (0xX0) on page 12 for additional information.
SEG G
DIG0:3
ISET
DIN
GND
GND
LOAD/CSN
CLK
VDD
SEG A:G
SEG DP
9.53k
Ω
DIG0:3
ISET
DIN
GND
GND
LOAD/CSN
CLK
VDD
SEG A:G
SEG DP
9.53k
Ω
DOUT
4x8 LED
Dot Matrix
Diode Arrangement
VBAT
VBAT
Micro-
Processor
SEG A
SEG DP
SEG B
SEG C
SEG D
SEG E
SEG F
SEG G
4x8 LED
Dot Matrix
SEG A
SEG DP
SEG B
SEG C
SEG D
SEG E
SEG F
AS1108
AS1108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com